Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AR-51-07 Datasheet(PDF) 1 Page - Vectron International, Inc

No. de pieza AR-51-07
Descripción Electrónicos  GPS-Disciplined Rubidium Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

AR-51-07 Datasheet(HTML) 1 Page - Vectron International, Inc

  AR-51-07 Datasheet HTML 1Page - Vectron International, Inc AR-51-07 Datasheet HTML 2Page - Vectron International, Inc AR-51-07 Datasheet HTML 3Page - Vectron International, Inc AR-51-07 Datasheet HTML 4Page - Vectron International, Inc AR-51-07 Datasheet HTML 5Page - Vectron International, Inc AR-51-07 Datasheet HTML 6Page - Vectron International, Inc AR-51-07 Datasheet HTML 7Page - Vectron International, Inc AR-51-07 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron Interna onal • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 1 of 8
AR- 51-07
GPS-Disciplined Rubidium Clock
Industrial/Military Compact Low Profile
• GPS disciplined Rubidium clock
• Outputs: 10MHz, 1PPS (TTL & RS-422), TOD (Have Quick),
2PPS (opt.)
• Input: GPS antenna, 1PPS, TOD (Have Quick)
• Frequency Accuracy : 2E-12
• 1PPS Accuracy: Typ. 20ns (RMS)
• NTP Server. Time Accuracy <300μs (opt)
• Holdover (no GPS): Typ. 1μs/24 hours, 5E-11/month
• Opera ng Temperature: -25°C to +65°C (71°C Emergency).
-40°C (opt.)
• Control and monitoring : RS-232 (input & output),
RS-422 (output), MIL-STD-1553 (opt.)
• Ephemeris, Almanac & Ionosphere Data
• Supply Voltage: 22-32 VDC per MIL-STD-704D
• External ba ery input for power back-up
• P(Y) code GPS (SAASM) receiver (Op on)
• Full MIL-STD qualifica on for military Airborne Applica ons
• Graphic User Interface (GUI) So ware for PC
• Communica on
• Telemetry test fields
• Field calibra on
Features
Description
The AR-51-07 unit is an industrial low profile GPS-Disciplined Rubidium Clock which offers an excellent stability and accuracy. The unit
includes a Rubidium-Atomic-Standard which is phase-locked to the GPS or other external inputs. All outputs are derived from the Rubidium-
Atomic-Standard and maintain highly accurate me and frequency even when GPS recep on is interrupted. When disciplined to GPS the unit
provides me accuracy of < 20ns RMS and frequency accuracy be er than 2E-12.
The AR-51-07 includes Have Quick (ICD-GPS-060) input and output which is essen al for secure radio communica on applica ons. The unit
can be remote controlled via MIL-STD-1553RT channel which is required in airborne applica ons.
The unit includes internal GPS receiver (C/A code) and have op on to install P(Y) code SAASM GPS receiver (For more informa on contact
factory).
The AR-51-07 is designed for demanding pla orms such as airborne, helicopters, UAV’s, shipboard and ground mobile.
AR-51-07
Application
Rev 1.0 Oct 2014


Número de pieza similar - AR-51-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
More results

Descripción similar - AR-51-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
GPS-Disciplined Rubidium/OCXO Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
GPS Disciplined Oscillator Module
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
Compact GPS-Disciplined OCXO 10.000 MHz
logo
IQD Frequency Products ...
LFRBXO059244 IQD-LFRBXO059244 Datasheet
302Kb / 2P
Rubidium
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
IQD Frequency Products ...
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com