Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AR-51-07 Datasheet(PDF) 7 Page - Vectron International, Inc

No. de pieza AR-51-07
Descripción Electrónicos  GPS-Disciplined Rubidium Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

AR-51-07 Datasheet(HTML) 7 Page - Vectron International, Inc

  AR-51-07 Datasheet HTML 1Page - Vectron International, Inc AR-51-07 Datasheet HTML 2Page - Vectron International, Inc AR-51-07 Datasheet HTML 3Page - Vectron International, Inc AR-51-07 Datasheet HTML 4Page - Vectron International, Inc AR-51-07 Datasheet HTML 5Page - Vectron International, Inc AR-51-07 Datasheet HTML 6Page - Vectron International, Inc AR-51-07 Datasheet HTML 7Page - Vectron International, Inc AR-51-07 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vectron Interna onal • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 7 of 8
How To Order
Op ons Descrip ons
Vectron P/N
C(A) code
GPS
P(Y) code
GPS (*)
LAN channel
(NTP & UDP)
Temperature
Range (**)
RS422 COM.
(CLI)
Ephemeris &
Almanac data
(RS422)
Humidity (RH)
Improved
Phase Noise &
ADEV
AR-51-07-02
--
-25°C to +65°C
-
95%
-
AR-51-07-04
-
-
-
AR-51-07-08
√√
-40°C to +65°C
-
AR-51-07-09
--
-25°C to +65°C
-
98%
Condensing
-
AR-51-07-10
-
-
-40°C to +65°C
-
95%
-
AR-51-07-xx
--
GPS-Rb with P(Y) code SAASM GPS - For more informa on contact factory.
Vibra on
absorber
Vectron part number: MU50015
* For other customized configura on, 1553 MUX BUS protocol, and for more op ons - please contact factory.
NOTE: For the P(Y) code receiver op on, the customer need to supply the receiver.
Rev 1.0 Oct 2014


Número de pieza similar - AR-51-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
More results

Descripción similar - AR-51-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
logo
IQD Frequency Products ...
LFRBXO059244 IQD-LFRBXO059244 Datasheet
302Kb / 2P
   Rubidium
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
IQD Frequency Products ...
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
   Rubidium Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com