Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VX6854LC Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza VX6854LC
Descripción Electrónicos  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 106 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 102Page - STMicroelectronics VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics VX6854LC Datasheet HTML 107Page - STMicroelectronics VX6854LC Datasheet HTML 108Page - STMicroelectronics VX6854LC Datasheet HTML 109Page - STMicroelectronics VX6854LC Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 114 page
background image
Defect categorization
VX6854LC
106/114
DocID027110 Rev 2
An average value is calculated for both the “small” and “large” areas. The areas are then
scanned across each color channel separately.
Figure 48. Scan array for blemish
The next stage of the test is the creation of a pixel map for each color channel with the
coordinates of the failing pixels. See Figure 49.
Figure 49. Fail map
A pixel location is identified as a fail in the map if it satisfies the following criteria:
Small_average < Large_average - (1.2% of Large_average)
or
Small_average > Large_average + (1.2% of Large_average)
Blemish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More