Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F746NG Datasheet(PDF) 196 Page - STMicroelectronics

No. de pieza STM32F746NG
Descripción Electrónicos  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 192Page - STMicroelectronics STM32F746NG Datasheet HTML 193Page - STMicroelectronics STM32F746NG Datasheet HTML 194Page - STMicroelectronics STM32F746NG Datasheet HTML 195Page - STMicroelectronics STM32F746NG Datasheet HTML 196Page - STMicroelectronics STM32F746NG Datasheet HTML 197Page - STMicroelectronics STM32F746NG Datasheet HTML 198Page - STMicroelectronics STM32F746NG Datasheet HTML 199Page - STMicroelectronics STM32F746NG Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 227 page
background image
Package information
STM32F745xx STM32F746xx
196/227
DocID027590 Rev 4
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
LQFP100, 14 x 14 mm low-profile quad flat package
information
Figure 79. LQFP100, 14 x 14 mm 100-pin low-profile quad flat package outline
1. Drawing is not to scale.