| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SIO1007 Datasheet(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 Datasheet(HTML) 106 Page - Microchip Technology |
|
106 / 108 page ![]() SIO1007 DS00002020A-page 106 2005 - 2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO.(1) XXX(2) Package Device Device: SIO1007 (1) Package: JV = 64-pin STQFP (2) Tape and Reel Option: Blank = Tray packaging TR = Tape and Reel (3) Example: SIO1007-JV = 64-pin STQFP [X](3) Tape and Reel Option - Note 1: These products meet the halogen maxi- mum concentration values per IEC61249-2-21. 2: All package options are RoHS compliant. For RoHS compliance and environmental information, please visit http:// www.microchip.com/pagehandler/en-us/ aboutus/ehs.html . 3: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. - |