| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EM341-RTR Datasheet(PDF) 162 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341-RTR Datasheet(HTML) 162 Page - Silicon Laboratories |
|
162 / 237 page ![]() EM341 Rev 1.0 163 TIM1_CCR1: Address: 0x4000E034 Reset: 0x0 TIM2_CCR1: Address: 0x4000F034 Reset: 0x0 Register 9.11. TIMx_CCR1 TIM1_CCR1: Timer 1 Capture/Compare Register 1 TIM2_CCR1: Timer 2 Capture/Compare Register 1 Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name TIM_CCR Bit 7 6 5 4 3 2 1 0 Name TIM_CCR Bitname Bitfield Access Description TIM_CCR [15:0] RW If the CC1 channel is configured as an output (TIM_CC1S = 0): TIM_CCR1 is the buffer value to be loaded in the actual capture/compare 1 register. It is loaded permanently if the preload feature is not selected in the TMR1_CCMR1 register (bit OC1PE). Otherwise the buffer value is copied to the shadow capture/compare 1 register when an UEV occurs. The active capture/compare register contains the value to be compared to the counter TMR1_CNT and signaled on the OC1 output. If the CC1 channel is configured as an input (TIM_CC1S is not 0): CCR1 is the counter value transferred by the last input capture 1 event (IC1). |