Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM324-N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM324-N
Descripción Electrónicos  Low-Power, Quad-Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM324-N Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM324-N Datasheet HTML 3Page - Texas Instruments LM324-N Datasheet HTML 4Page - Texas Instruments LM324-N Datasheet HTML 5Page - Texas Instruments LM324-N Datasheet HTML 6Page - Texas Instruments LM324-N Datasheet HTML 7Page - Texas Instruments LM324-N Datasheet HTML 8Page - Texas Instruments LM324-N Datasheet HTML 9Page - Texas Instruments LM324-N Datasheet HTML 10Page - Texas Instruments LM324-N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
www.ti.com
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
Electrical Characteristics: LM124-N/224-N/324-N/2902-N (continued)
V
+ = +5.0V, (1), unless otherwise stated
LM124-N / LM224-N
LM324-N
LM2902-N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIN
+ = 1 V, V
IN
= 0 V,
Source
20
40
20
40
20
40
mA
V+ = 15 V, VO = 2 V, TA = 25°C
Output
VIN
= 1 V, V
IN
+ = 0 V,
10
20
10
20
10
20
mA
Current
V+ = 15 V, VO = 2 V, TA = 25°C
Sink
VIN
= 1 V, V
IN
+ = 0 V,
12
50
12
50
12
50
µA
V+ = 15 V, VO = 200 mV, TA = 25°C
Short Circuit to Ground
40
60
40
60
40
60
mA
V+ = 15 V, TA = 25°C
(6)
Input Offset Voltage
See (2)
7
9
10
mV
VOS Drift
RS = 0 Ω
7
7
7
µV/°C
Input Offset Current
IIN(+) − IIN(−), VCM = 0 V
100
150
45
200
nA
IOS Drift
RS = 0 Ω
10
10
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
300
40
500
40
500
nA
Input Common-Mode Voltage
0
0
0
V
V+ = 30 V, (LM2902-N, V+ = 26 V)
V+
−2
V+
−2
V+
−2
Range(4)
V+ = 15 V (VOSwing = 1V to 11V),
Large Signal Voltage Gain
25
15
15
V/mV
RL ≥ 2 kΩ
RL = 2 kΩ
26
26
22
V+ = 30 V (LM2902-N,
Output
VOH
V
V+ = 26 V)
RL = 10 kΩ
27
28
27
28
23
24
Voltage
Swing
VOL
5
20
5
20
5
100
mV
V+ = 5 V, RL = 10 kΩ
VIN
+ = 1 V,
Source
VO = 2 V
10
20
10
20
10
20
mA
VIN
= 0 V,
V+ = 15 V
Output
Current
VIN
= 1 V,
Sink
5
8
5
8
5
8
mA
VIN
+ = 0 V,
V+ = 15 V
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N


Número de pieza similar - LM324-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results

Descripción similar - LM324-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com