Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 26 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 26 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 20Page - ON Semiconductor STK672-442BN-E Datasheet HTML 21Page - ON Semiconductor STK672-442BN-E Datasheet HTML 22Page - ON Semiconductor STK672-442BN-E Datasheet HTML 23Page - ON Semiconductor STK672-442BN-E Datasheet HTML 24Page - ON Semiconductor STK672-442BN-E Datasheet HTML 25Page - ON Semiconductor STK672-442BN-E Datasheet HTML 26Page - ON Semiconductor STK672-442BN-E Datasheet HTML 27Page - ON Semiconductor STK672-442BN-E Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
STK672-442BN-E
No.A2249-26/28
7. Other usage notes
In addition to the “Notes” indicated in the Sample Application Circuit, care should also be given to the following
contents during use.
(1) Allowable operating range
Operation of this product assumes use within the allowable operating range. If a supply voltage or an input voltage
outside the allowable operating range is applied, an overvoltage may damage the internal control IC or the
MOSFET.
If a voltage application mode that exceeds the allowable operating range is anticipated, connect a fuse or take other
measures to cut off power supply to the product.
(2) Input pins
If the input pins are connected directly to the board connectors, electrostatic discharge or other overvoltage outside
the specified range may be applied from the connectors and may damage the product. Current generated by this
overvoltage can be suppressed to effectively prevent damage by inserting 100
 to 1k resistors in lines connected
to the input pins.
Take measures such as inserting resistors in lines connected to the input pins.
(3) Power connectors
If the motor power supply VCC is applied by mistake without connecting the GND part of the power connector
when the product is operated, such as for test purposes, an overcurrent flows through the VCC decoupling capacitor,
C1, to the parasitic diode between the VDD of the internal control IC and GND, and may damage the power supply
pin block of the internal control IC.
To prevent damage in this case, connect a 10
 resistor to the VDD pin, or insert a diode between the VCC
decoupling capacitor C1 GND and the VDD pin.
(4) Input Signal Lines
1) Do not use an IC socket to mount the driver, and instead solder the driver directly to the board to minimize
fluctuations in the GND potential due to the influence of the resistance component and inductance
component of the GND pattern wiring.
2) To reduce noise caused by electromagnetic induction to small signal lines, do not design small signal lines
(sensor signal lines, and 5V or 3.3V power supply signal lines) that run parallel in close proximity to the
motor output line A (Pin 4), AB (Pin 5), B (Pin 3), or BB (Pin 1) phases.
BB
B
AB
A
R1
R2
VDD
GND
VDD=5V
4
5
3
1
VSS
2
9
18
MODE1
CLOCK
CWB
RESETB
Vref
S.G
C1
Vcc
open
24V
Reg
.
FAULT
6
ENABLE
MODE2
Overcurrent path
Overcurrent protection measure: insert a resistor
Overcurrent protection measure: insert a diode
MODE3
FAO
FABO
FBO
FBBO
A1
B1
Vref
5V
Reg.
.


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com