Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 18 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 18 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 14Page - ON Semiconductor STK672-442BN-E Datasheet HTML 15Page - ON Semiconductor STK672-442BN-E Datasheet HTML 16Page - ON Semiconductor STK672-442BN-E Datasheet HTML 17Page - ON Semiconductor STK672-442BN-E Datasheet HTML 18Page - ON Semiconductor STK672-442BN-E Datasheet HTML 19Page - ON Semiconductor STK672-442BN-E Datasheet HTML 20Page - ON Semiconductor STK672-442BN-E Datasheet HTML 21Page - ON Semiconductor STK672-442BN-E Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
STK672-442BN-E
No.A2249-18/28
3. Allowable Avalanche Energy Value
(1) Allowable Range in Avalanche Mode
When driving a 2-phase stepping motor with constant current chopping using an STK672-4** Series hybrid IC, the
waveforms shown in Figure 1 below result for the output current, ID, and voltage, VDS.
Figure 1 Output Current, ID, and Voltage, VDS, Waveforms 1 of the STK672-4** Series when Driving a
2-Phase Stepper Motor with Constant Current Chopping
When operations of the MOSFET built into STK672-4** Series ICs is turned off for constant current chopping, the ID
signal falls like the waveform shown in the figure above. At this time, the output voltage, VDS, suddenly rises due to
electromagnetic induction generated by the motor coil.
In the case of voltage that rises suddenly, voltage is restricted by the MOSFET VDSS. Voltage restriction by VDSS
results in a MOSFET avalanche. During avalanche operations, ID flows and the instantaneous energy at this time, EAVL1,
is represented by Equation (3-1).
EAVL1=VDSSIAVL0.5tAVL ------------------------------------------- (3-1)
VDSS: V units, IAVL: A units, tAVL: sec units
The coefficient 0.5 in Equation (3-1) is a constant required to convert the IAVL triangle wave to a square wave.
During STK672-4** Series operations, the waveforms in the figure above repeat due to the constant current chopping
operation. The allowable avalanche energy, EAVL, is therefore represented by Equation (3-2) used to find the average
power loss, PAVL, during avalanche mode multiplied by the chopping frequency in Equation (3-1).
PAVL=VDSSIAVL0.5tAVLfc ------------------------------------------- (3-2)
fc: Hz units (fc is set to the PWM frequency of 50kHz.)
For VDSS, IAVL, and tAVL, be sure to actually operate the STK672-4** Series and substitute values when operations
are observed using an oscilloscope.
Ex. If VDSS=110V, IAVL=1A, tAVL=0.2s, the result is:
PAVL=110
10.50.210-650103=0.55W
VDSS=110V is a value actually measured using an oscilloscope.
The allowable loss range for the allowable avalanche energy value, PAVL, is shown in the graph in Figure 3.
When examining the avalanche energy, be sure to actually drive a motor and observe the ID, VDSS, and tAVL waveforms
during operation, and then check that the result of calculating Equation (3-2) falls within the allowable range for
avalanche operations.
IOH: Motor current peak value
tAVL: Time of avalanche operations
IAVL: Current during avalanche operations
VDSS: Voltage during avalanche operations


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com