Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 17 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 17 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 13Page - ON Semiconductor STK672-442BN-E Datasheet HTML 14Page - ON Semiconductor STK672-442BN-E Datasheet HTML 15Page - ON Semiconductor STK672-442BN-E Datasheet HTML 16Page - ON Semiconductor STK672-442BN-E Datasheet HTML 17Page - ON Semiconductor STK672-442BN-E Datasheet HTML 18Page - ON Semiconductor STK672-442BN-E Datasheet HTML 19Page - ON Semiconductor STK672-442BN-E Datasheet HTML 20Page - ON Semiconductor STK672-442BN-E Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
STK672-442BN-E
No.A2249-17/28
2-2.[Overcurrent detection]
This hybrid IC is equipped with a function for detecting overcurrent that arises when the motor burns out or when there is
a short between the motor terminals.
Overcurrent detection occurs at 3.4A typ with the STK672-432BN-E, and 5.0A typ with the
STK672-440BN-E/442BN-E.
Overcurrent detection begins after an interval of no detection (a dead time of 1.25
s typ) during the
initial ringing part during PWM operations. The no detection interval is a period of time where
overcurrent is not detected even if the current exceeds IOH.
2-3. [Overheat detection]
Rather than directly detecting the temperature of the semiconductor device, overheat detection detects the temperature of
the aluminum substrate (144
C typ).
Within the allowed operating range recommended in the specification manual, if a heat sink attached for the purpose of
reducing the operating substrate temperature, Tc, comes loose, the semiconductor can operate without breaking.
However, we cannot guarantee operations without breaking in the case of operations other than those recommended,
such as operations at a current exceeding IOH max that occurs before overcurrent detection is activated.
Set motor
current, IOH
PWM period
No detection interval
(1.25
s typ)
1.25
s typ
MOSFET all OFF
IOHmax
Normal operation
Operation when motor pins are shorted
Current when motor terminals are shorted
Overcurrent detection


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com