Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 15 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 15 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 11Page - ON Semiconductor STK672-442BN-E Datasheet HTML 12Page - ON Semiconductor STK672-442BN-E Datasheet HTML 13Page - ON Semiconductor STK672-442BN-E Datasheet HTML 14Page - ON Semiconductor STK672-442BN-E Datasheet HTML 15Page - ON Semiconductor STK672-442BN-E Datasheet HTML 16Page - ON Semiconductor STK672-442BN-E Datasheet HTML 17Page - ON Semiconductor STK672-442BN-E Datasheet HTML 18Page - ON Semiconductor STK672-442BN-E Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
STK672-442BN-E
No.A2249-15/28
2. Overcurrent detection, overheat detection, and motor terminal open detection functions
Each detection function operates using a latch system and turns output off. Because a RESET signal is required to restore
output operations, once the power supply, VDD, is turned off, you must either again apply power on reset with VDDON
or apply a RESETB=High
LowHigh signal.
2-1. [Motor terminal open detection]
This hybrid IC is equipped with a function for detecting open output terminals to prevent thermal destruction of the
MOSFET due to repeated avalanche operation that occurs when an output terminal connected to the motor is open. The
open condition is determined by checking the presence or absence of the flyback current that flows in the motor
inductance during the off period of the PWM cycle.
Detection is performed by using the fact that the flyback current does not flow when a motor terminal is open.
When the current level drops, the difference with the GND potential decreases, making detection difficult.
The motor current that can be detected by motor terminal open detection is 1.1A or more with the STK672-432BN-E
and 1.4A or more with the STK672-440BN-E/442BN-E.
<Notes on the ENABLE high edge>
When ENABLE changes from low to high and the STK672-4xxBN-E performs constant-current PWM operation that
flows a negative current during the 30
s period after the high edge, open detection may activate and stop the driver.
The motor current setting voltage Vref must be set so that PWM operation is not performed within a period of 30
s after
the high edge.
If the motor current setup voltage is set for the rated motor current, PWM operation is not performed during this 30
s
period after the high edge, so this is not a problem.
In addition, there is no problem with operation that lowers the current setting Vref after the motor rated current is
reached as shown in the diagram on the following page.
Whether constant-current PWM operation is performed during the 30
s period after the high edge can be judged by
substituting the motor L and R values into the formula on the following page.
Vref= (R02÷ (R01+R02)) × VDD
IOH1= (Vref÷4.9) ÷Rs
IOH1: Motor current value to be set
IOH2= (VCC÷R) × (1-e
-tR/L)
IOH2: Current value 30s after the ENABLE high edge
 Judgment standard: IOH1IOH2
R01, R02, VDD : See the Sample Application Circuit documents.
Rs: Current detection resistance value (
)
VCC: Motor supply voltage (V)
R: Motor winding resistance (
)
L: Motor winding inductance (H)
 There is no problem if the IOH2 obtained by substituting t = 30s and the motor L and R values is smaller than the
current setting value IOH1.
0V (GND potential)
Terminal open
Current detection
resistor voltage
MOSFET gate signal
Used to set the motor current
Used for open detection
(Negative current does not flow
when the terminal is open.)
PWM period


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
2-phase Stepper Motor Driver
January 2014 Ver. 2.2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
2-Phase Stepper-Motor Driver
2005-07-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com