Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 14 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 14 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 10Page - ON Semiconductor STK672-442BN-E Datasheet HTML 11Page - ON Semiconductor STK672-442BN-E Datasheet HTML 12Page - ON Semiconductor STK672-442BN-E Datasheet HTML 13Page - ON Semiconductor STK672-442BN-E Datasheet HTML 14Page - ON Semiconductor STK672-442BN-E Datasheet HTML 15Page - ON Semiconductor STK672-442BN-E Datasheet HTML 16Page - ON Semiconductor STK672-442BN-E Datasheet HTML 17Page - ON Semiconductor STK672-442BN-E Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
STK672-442BN-E
No.A2249-14/28
<Configuration of the Vref input pin>
<Configuration of the FAULT1 output pin>
Output pin
Pin16
VDD
VSS
Overheating
Overcurrent
Motor terminal open
Vref/4.9
VSS
Amplifier
Input pin
Pin19
<FAULT1, FAULT2 output>
FAULT1 Output
FAULT1 is an open drain output. It outputs low level when any of motor terminal open, overcurrent, or overheat is
detected.
FAULT2 output
Output is resistance divided (3 levels) and the type of abnormality detected is converted to the corresponding output
voltage.
Motor terminal open: 10mV (typ)
Overcurrent: 2.5V (typ)
Overheat: 3.3V (typ)
Abnormality detection can be released by a RESETB operation or turning VDD voltage on/off.
1-9. [MOI output]
The output frequency of this excitation monitor pin varies depending on the excitation mode. For output operations, see
the timing chart.


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
2-phase Stepper Motor Driver
January 2014 Ver. 2.2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
2-Phase Stepper-Motor Driver
2005-07-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com