Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-442BN-E Datasheet(PDF) 13 Page - ON Semiconductor

No. de pieza STK672-442BN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-442BN-E Datasheet(HTML) 13 Page - ON Semiconductor

Back Button STK672-442BN-E Datasheet HTML 9Page - ON Semiconductor STK672-442BN-E Datasheet HTML 10Page - ON Semiconductor STK672-442BN-E Datasheet HTML 11Page - ON Semiconductor STK672-442BN-E Datasheet HTML 12Page - ON Semiconductor STK672-442BN-E Datasheet HTML 13Page - ON Semiconductor STK672-442BN-E Datasheet HTML 14Page - ON Semiconductor STK672-442BN-E Datasheet HTML 15Page - ON Semiconductor STK672-442BN-E Datasheet HTML 16Page - ON Semiconductor STK672-442BN-E Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
STK672-442BN-E
No.A2249-13/28
1-7. [Input timing]
The control IC of the driver is equipped with a power on reset function capable of initializing internal IC operations
when power is supplied. A 4V typ setting is used for power on reset. Because the specification for the MOSFET gate
voltage is 5V
5%, conduction of current to output at the time of power on reset adds electromotive stress to the
MOSFET due to lack of gate voltage. To prevent electromotive stress, be sure to set ENABLE=Low while VDD,
which is outside the operating supply voltage, is less than 4.75V.
In addition, if the RESETB terminal is used to initialize output timing, be sure to allow at least 10
s until CLOCK
input.
ENABLE, CLOCK, and RESETB Signals Input Timing
1-8. [Configuration of control block I/O pins]
<Configuration of the MODE1, MODE2, MODE3, CLOCK,
<Configuration of the FAULT2 pin>
CWB, ENABLE, and RESETB input pins>
VDD
VSS
10kΩ
100kΩ
Input pin
VDD
Overcurrent
Overheating
50k
50k
50k
Motor terminal open
Output pin
Pin 8
(The buf fer has an open drain configuration.)
The input pins of this driver all use Schmitt input. Typical specifications at Tc=25
C are given below. Hysteresis voltage
is 0.3V (VIHa-VILa).
Input voltage specifications are as follows.
VIH=2.5Vmin
VIL=0.8Vmax
4Vtyp
3.8Vtyp
At least 10
s
At least 10
s
No time specification
Control IC power (VDD) rising edge
Control IC power on reset
RESETB signal input
ENABLE signal input
CLOCK signal input
VIHa
When rising
When falling
1.5Vtyp
VILa
1.8Vtyp
Input voltage


Número de pieza similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-442BN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com