| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16LC71-10/SP Datasheet(PDF) 149 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71-10/SP Datasheet(HTML) 149 Page - Microchip Technology |
|
149 / 176 page ![]() © 1997 Microchip Technology Inc. DS30272A-page 149 PIC16C71X Applicable Devices 710 71 711 715 FIGURE 16-7: MAXIMUM IPD VS. VDD WATCHDOG DISABLED 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VDD (Volts) 0 °C -55 °C -40 °C 70 °C 85 °C 125 °C 25 20 15 10 5 0 FIGURE 16-8: MAXIMUM IPD VS. VDD WATCHDOG ENABLED IPD, with Watchdog Timer enabled, has two components: The leakage current which increases with higher tempera- ture and the operating current of the Watchdog Timer logic which increases with lower temperature. At -40 °C, the latter dominates explaining the apparently anomalous behavior. 0 °C -55 °C -40 °C 70 °C 85 °C 125 °C 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VDD (Volts) 45 40 35 30 25 20 15 10 5 0 FIGURE 16-9: VTH (INPUT THRESHOLD VOLTAGE) OF I/O PINS VS. VDD VDD (Volts) 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 25˚C, TYP Min (-40˚C to 85˚C) 0.60 Max (-40˚C to 85˚C) |