Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC17C44-16/P Datasheet(PDF) 207 Page - Microchip Technology

No. de pieza PIC17C44-16/P
Descripción Electrónicos  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P Datasheet(HTML) 207 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 203Page - Microchip Technology PIC17C44-16/P Datasheet HTML 204Page - Microchip Technology PIC17C44-16/P Datasheet HTML 205Page - Microchip Technology PIC17C44-16/P Datasheet HTML 206Page - Microchip Technology PIC17C44-16/P Datasheet HTML 207Page - Microchip Technology PIC17C44-16/P Datasheet HTML 208Page - Microchip Technology PIC17C44-16/P Datasheet HTML 209Page - Microchip Technology PIC17C44-16/P Datasheet HTML 210Page - Microchip Technology PIC17C44-16/P Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 207
PIC17C4X
21.3
44-Lead Plastic Leaded Chip Carrier (Square)
Package Group: Plastic Leaded Chip Carrier (PLCC)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
A
4.191
4.572
0.165
0.180
A1
2.413
2.921
0.095
0.115
D
17.399
17.653
0.685
0.695
D1
16.510
16.663
0.650
0.656
D2
15.494
16.002
0.610
0.630
D3
12.700
12.700
Reference
0.500
0.500
Reference
E
17.399
17.653
0.685
0.695
E1
16.510
16.663
0.650
0.656
E2
15.494
16.002
0.610
0.630
E3
12.700
12.700
Reference
0.500
0.500
Reference
N
4444
4444
CP
–
0.102
–
0.004
LT
0.203
0.381
0.008
0.015
S
0.177
.007
B D-E
-A-
0.254
D1
D
3
3
3
-C-
-F-
-D-
4
9
8
-B-
-E-
S
0.177
.007
A F-G
S
S
E
E1
-H-
-G-
6
2
3
.010 Max
1.524
.060
10
2
11
0.508
.020
1.651
.065
R 1.14/0.64
.045/.025
R 1.14/0.64
.045/.025
1.651
.065
0.508
.020
-H-
11
0.254
.010 Max
6
Min
0.812/0.661
.032/.026
3
-C-
0.64
.025
Min
5
0.533/0.331
.021/.013
0.177
.007 M A
F-G S , D-E S
1.27
.050
2 Sides
A
S
0.177
.007
B A
S
D3/E3
D2
0.101
.004
0.812/0.661
.032/.026
S
0.38
.015
F-G
4
S
0.38
.015
F-G
E2
D
-H-
A1
Seating
Plane
2 Sides
N Pics