Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX27L512 Datasheet(PDF) 13 Page - Macronix International

No. de pieza MX27L512
Descripción Electrónicos  512K-BIT [64K x 8] CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L512 Datasheet(HTML) 13 Page - Macronix International

Back Button MX27L512 Datasheet HTML 6Page - Macronix International MX27L512 Datasheet HTML 7Page - Macronix International MX27L512 Datasheet HTML 8Page - Macronix International MX27L512 Datasheet HTML 9Page - Macronix International MX27L512 Datasheet HTML 10Page - Macronix International MX27L512 Datasheet HTML 11Page - Macronix International MX27L512 Datasheet HTML 12Page - Macronix International MX27L512 Datasheet HTML 13Page - Macronix International MX27L512 Datasheet HTML 14Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
P/N:PM0256
REV. 2.6, AUG. 26, 2003
MX27L512
REVISION HISTORY
Revision No.
Description
Page
Date
2.0
1)Programming Flow Chart corrected, programming verify after
6/05/1997
whole array programmed with 1 pulse.
2) Eliminate Interactive Programming Mode.
3) Add 28-TSOP(I) and 28-SOP packages offering.
4) AC driving levels are changed from 2.4V/0.3V to 2.4V/0.4V.
2.1
General description, ".... is a 5V only..." ==> "....is a 3V only...."
9/25/1998
2.2
Cancel ceramic DIP package type
P1,2,9,11
MAR/02/2000
2.3
Remove 28-pin SOP Package
P1,9
SEP/19/2001
Package Information format changed
P10~12
2.4
Remove "ultraviolet erasable" wording
P1
APR/24/2002
2.5
To modify Package Information
P10~12
NOV/19/2002
2.6
To modify 32-PLCC package information
P11
AUG/26/2003
A1: from 0.50mm(0.020 inch)/nom. to 0.58mm(0.023 inch)/nom.
from 0.66mm(0.026 inch)/nom. to 0.81mm(0.032 inch)/nom.


Número de pieza similar - MX27L512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-12 MCNIX-MX27L1000MC-12 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-15 MCNIX-MX27L1000MC-15 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-20 MCNIX-MX27L1000MC-20 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-25 MCNIX-MX27L1000MC-25 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
More results

Descripción similar - MX27L512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com