| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST9 Datasheet(PDF) 145 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Datasheet(HTML) 145 Page - STMicroelectronics |
|
145 / 146 page ![]() 145/146 Index S SCI theory of operation ............................ 92 SEG Extract the 6 bits segment of a label24 Serial communication interface overview .............................................. 92 Serial peripheral interface interrupt vectors................................. 97 overview .............................................. 88 Single mode WDT..................................................... 71 SOF Extract the 16 bits offset of a label .24 Sources interrupt sources................................ 44 Srp instruction ............................................ 17 SSP ............................................................ 123 ST9040 block diagram.............................. 10 ST90R540 block diagram .................. 12, 13 Stack overview .............................................. 31 Stacks initialisation ......................................... 31 locating stack pointer in register ..... 31 location options .................................. 32 Start-up file ............................................... 121 Structures accessing ............................................ 41 Swap mode multifunction timer ............................. 58 Switching working registers ............................... 17 T Test and jump ............................................ 38 Test under mask ........................................ 34 Timer block diagram..................................... 68 event counter mode .......................... 69 gated input mode............................... 69 output pin ............................................ 71 retriggerable input mode .................. 70 single/continuous mode ................... 71 triggerable input mode...................... 70 TLNM bit...................................................... 52 Tools .......................................................... 112 Top-Level interrupt .................................... 52 block diagram..................................... 53 detailed block diagram ................... 132 Triggerable input mode WDT..................................................... 70 U UART application ...................................... 92 USP............................................................ 123 V Vector table .............................................. 121 Vectors example with MFT............................. 45 external interrupts ............................. 55 interrupt vectors overview................ 42 W Watchdog analog................................................ 100 Watchdog timer.................................... 51, 52 detailed block diagram ................... 133 output pin ............................................ 71 overview .............................................. 68 WDT initialisation example......................... 73 periodic interrupt application ........... 72 Working registers example............................................... 17 overview ........................................ 15, 16 register pointers ................................. 16 switching ............................................. 17 |