Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN-3702 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SN-3702
Descripción Electrónicos  NEMA STEEL METAL BOX
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SN-3702 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SN-3702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SN-3702 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
C
B
A
A
B
C
D
CAD GENERATED DRAWING,
DO NOT MANUALLY UPDATE
SCALE
SIZE
CAD FILE:
DWG. NO.
D
SHEET
REV.
DATE
APPROVALS
DRAWN
CHECKED
APPROVED
BUD INDUSTRIES INC.
NEMA STEEL METAL BOX
+/-.005 BETWEEN HOLE CENTERS
+/- .015 FROM SHEARED EDGE
+/- .032 FROM A BENT SURFACE
+/- .062 BETWEEN ASSEMBLED
SURFACES
UNLESS OTHERWISE SPECIFIED
MATERIAL
FINISH
AS NOTED
AS NOTED
DO NOT SCALE DRAWING
PARTS LIST
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
BUD INDUSTRIES INC. ANY REPRODUCTION IN PART OR WHOLE WITHOUT
THE WRITTEN PERMISSION OF BUD INDUSTRIES INC. IS PROHIBITED.
REVISIONS
DWG. NO.
E
F
E
F
SN-3700
DP
1-3-06
ISSUE
SN-3700
USED ON
QTY.
OF
2
2
SEE SHEET 1
1.500
C
.450
.958
*
*
*
*
*
*
*
SPOT WELD BRACKET
EVERY 2 INCHES
(2 BRACKETS)
*
*
*
*
*
*
*
.312 (4x)
.500
D
F
E
TYP
REF
.750
.375
SPOT WELD EACH BRACKET
IN 2 PLACES MIN
(SEE TABLE FOR NUMBER
OF BRACKETS REQUIRED)
* *
* *
* *
.625
INSTALL 0.75 WIDE x
0.198 THICK (5mm) MIN.
NEMA 4x RATED, CLOSED
CELL FOAM AROUND INSIDE
OF COVER.
WELD STANDOFF
12mm TALL
DRILL AND TAP FOR
M5 - 0.8 x 10 DEEP
ALL PARTS TO BE PAINTED SMOOTH GRAY
"TYPE 4x ENCLOSURE" LABEL
UL LABEL
1.458
.656 TYP
1.458
SPOT WELD HINGE LEAF
EVERY 2 INCHES
*
*
*
*
*
*
*
.348
1.804
.329
.256 REF
WELD STANDOFF
12 mm TALL
DRILL AND TAP FOR
M5 - 0.8 x 10mm DEEP (5)
B
.875 TYP
TYP
.875
A
H
G
PART NUMBER
A
B
C
D
E
F
3700-BA
6.00
4.00
3.00
6.75
2.00
3.00
3701-BA
8.00
6.00
3.50
8.75
4.00
5.00
3702-BA
6.00
6.00
4.00
6.75
4.00
5.00
3703-BA
12.00
10.00
5.00
12.75
8.00
9.00
3704-BA
10.00
8.00
6.00
10.75
6.00
7.00
3705-BA
12.00
12.00
6.00
12.75
10.00
11.00
3706-BA
14.00
12.00
6.00
14.75
10.00
11.00
3707-BA
16.00
14.00
6.00
16.75
12.00
13.00
3708-BA
14.00
12.00
8.00
14.75
10.00
11.00
3709-BA
16.00
14.00
10.00
16.75
12.00
13.00
BODY ASSEMBLY
PART NUMBER
G
H
3700-CA
6.31
4.31
3701-CA
8.31
6.31
3702-CA
6.31
6.31
3703-CA
12.31
10.31
3704-CA
10.31
8.31
3705-CA
12.31
12.31
3706-CA
14.31
12.31
3707-CA
16.31
14.31
3708-CA
14.31
12.31
3709-CA
16.31
14.31
COVER ASSEMBLY


Número de pieza similar - SN-3702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
SN-2A6 MSYSTEM-SN-2A6 Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/CE MSYSTEM-SN-2A6/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/Q MSYSTEM-SN-2A6/Q Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA MSYSTEM-SN-2AA Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA/CE MSYSTEM-SN-2AA/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Descripción similar - SN-3702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bud Industries, Inc.
SNB-3735 BUD-SNB-3735 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3737 BUD-SNB-3737 Datasheet
75Kb / 1P
   NEMA SHEET METAL BOX
SNB-3732 BUD-SNB-3732 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3733 BUD-SNB-3733 Datasheet
74Kb / 1P
   NEMA SHEET METAL BOX
SNB-3734 BUD-SNB-3734 Datasheet
74Kb / 1P
   NEMA SHEET METAL BOX
SNB-3736 BUD-SNB-3736 Datasheet
72Kb / 1P
   NEMA SHEET METAL BOX
SNB-3731 BUD-SNB-3731 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3738 BUD-SNB-3738 Datasheet
37Kb / 1P
   NEMA SHEET METAL BOX - STYLE B
logo
List of Unclassifed Man...
N3R-5801 ETC2-N3R-5801 Datasheet
71Kb / 1P
   NEMA 3R BOX
logo
HITRON ELECTRONICS CORP...
HDR100-110J HITRON-HDR100-110J Datasheet
260Kb / 2P
   100W Metal Box Format
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com