Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD14020B Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza HD14020B
Descripción Electrónicos  14-bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14020B Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD14020B Datasheet HTML 1Page - Hitachi Semiconductor HD14020B Datasheet HTML 2Page - Hitachi Semiconductor HD14020B Datasheet HTML 3Page - Hitachi Semiconductor HD14020B Datasheet HTML 4Page - Hitachi Semiconductor HD14020B Datasheet HTML 5Page - Hitachi Semiconductor HD14020B Datasheet HTML 6Page - Hitachi Semiconductor HD14020B Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Número de pieza similar - HD14020B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD14021 HITACHI-HD14021 Datasheet
72Kb / 5P
8-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
8-bit Static Shift Register
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
Octal Counter/Divider
HD14023B HITACHI-HD14023B Datasheet
61Kb / 6P
Triple 3-input NAND Gate
HD14024 HITACHI-HD14024 Datasheet
76Kb / 5P
Seven Stage Ripple Counter
More results

Descripción similar - HD14020B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
14-Bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
ON Semiconductor
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
ON Semiconductor
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
14-Bit Binary Counter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com