Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML7344J Datasheet(PDF) 121 Page - List of Unclassifed Manufacturers

No. de pieza ML7344J
Descripción Electrónicos  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 121 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 117Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 118Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 119Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 120Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 121Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 122Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 123Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 124Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 125Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
121/151
○Continuous mode
Continuous CCA mode is executed by issuing RX_ON by [RF_STATU:B0 0x0B] register after setting
CCA_EN([CCA_CTRL: B0 0x39(4)])=0b1 and CCA_CPU_EN([CCA_CTRL: B0 0x39(5)])=0b1. In this
mode, CCA continues until CCA_STOP([CCA_CTRL: B0 0x39(7)])=0b1 is set. CCA completion interupt
(INT[18]: group3) is not generated. During CCA execution, CCA_RSLT([CCA_CTRL: B0 0x39(1-0)]),
[CCA_PROG_L: B0 0x3E], [CCA_PROG_H: B0 0x3D] are constantly updated. The value will be kept by
setting CCA_STOP([CCA_CTRL: B0 0x39(7)])=0b1.
*5CCA result can be read after
CCA_STOP execution.
START
RX_ON issue *2
[RF_STATUS: B0 0x0B]
Read CCA result *5
CCA_RSLT[1:0] [CCA_CTRL: B0 0x39(1-0)]
CCA_PROG[9:0]
[CCA_PROG_H/L: B0 0x3D/3E]
TRX_OFF issue
[RF_STATUS: B0 0x0B]
CCA_EN setting
CCA_CPU_EN setting *1
[CCA_CTRL: B0 0x39(5-4)]
CCA_STOP setting *6
[CCA_CTRL: B0 0x39(7)]
*2 CCA start
*6 CCA stop
END
Stop CCA ?
No
Yes
ED_DONE=0b1 ? *4
[ED_CTRL: B0 0x41(4)]
Yes
No
Yes
No
RX_ON completion (INT[3]) ? *3
[INT_SOURCE_GRP1: B0 0x0D(3)]
*3 RF state transition (RX_ON) completion can
be confirmed by [RF_STATUS: B0 0x0B]=
0x66.
*4 CCA result before RX_ON are invalid.
Please read the value after RX_ON and
ED calculation flag is valid.
*1 CCA_IDLE_EN should be 0b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More