Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1242 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADS1242
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1242 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1242_14 Datasheet HTML 6Page - Texas Instruments ADS1242_14 Datasheet HTML 7Page - Texas Instruments ADS1242_14 Datasheet HTML 8Page - Texas Instruments ADS1242_14 Datasheet HTML 9Page - Texas Instruments ADS1242_14 Datasheet HTML 10Page - Texas Instruments ADS1242_14 Datasheet HTML 11Page - Texas Instruments ADS1242_14 Datasheet HTML 12Page - Texas Instruments ADS1242_14 Datasheet HTML 13Page - Texas Instruments ADS1242_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADS1242, 1243
10
SBAS235H
www.ti.com
channel. With this method, it is possible to have up to seven
single-ended input channels or four independent differential
input channels for the ADS1243, and three single-ended
input channels or two independent differential input channels
for the ADS1242.
The ADS1242 and ADS1243 feature a single-cycle settling
digital filter that provides valid data on the first conversion
after a new channel selection. In order to minimize the
settling error, synchronize MUX changes to the conversion
beginning, which is indicated by the falling edge of DRDY
. In
other words, issuing a MUX change through the WREG
command immediately after DRDY goes LOW minimizes the
settling error. Increasing the time between the conversion
beginning (DRDY goes LOW) and the MUX change com-
mand (tDELAY) results in a settling error in the conversion
data, as shown in Figure 2.
BURNOUT CURRENT SOURCES
The Burnout Current Sources can be used to detect sensor
short-circuit or open-circuit conditions. Setting the Burnout
Current Sources (BOCS) bit in the SETUP register activates
two 2
µA current sources called burnout current sources. One
of the current sources is connected to the converter’s nega-
tive input and the other is connected to the converter’s
positive input.
Figure 3 shows the situation for an open-circuit sensor. This
is a potential failure mode for many kinds of remotely con-
nected sensors. The current source on the positive input acts
as a pull-up, causing the positive input to go to the positive
analog supply, and the current source on the negative input
acts as a pull-down, causing the negative input to go to
ground. The ADS1242/43 therefore outputs full-scale (7FFFFF
Hex).
Figure 4 shows a short-circuited sensor. Since the inputs are
OVERVIEW
INPUT MULTIPLEXER
The input multiplexer provides for any combination of differ-
ential inputs to be selected on any of the input channels, as
shown in Figure 1. For example, if AIN0 is selected as the
positive differential input channel, any other channel can be
selected as the negative terminal for the differential input
FIGURE 1. Input Multiplexer Configuration.
FIGURE 2. Input Multiplexer Configuration.
A
IN3/D3
A
IN4/D4
A
IN5/D5
A
IN6/D6
A
IN0/D0
A
IN1/D1
A
IN2/D2
A
IN7/D7
Burnout Current Source
Burnout Current Source
GND
V
DD
ADS1243
Only
Input
Buffer
SETTLING ERROR vs DELAY TIME
f
CLK = 2.4576MHz
Delay Time, t
DELAY (ms)
2
4
6
8
10
12
14
16
0
10
1
0.1
0.01
0.001
0.0001
0.00001
0.000001
New Conversion Begins,
Complete Previous Conversion
New Conversion Complete
t
DELAY
MSB
LSB
DRDY
DIN
SCLK
Previous Conversion Data


Número de pieza similar - ADS1242_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242IPWR TI-ADS1242IPWR Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWR TI1-ADS1242IPWR Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWRG4 TI1-ADS1242IPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWT TI-ADS1242IPWT Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWT TI1-ADS1242IPWT Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1242_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com