Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPA1774G-E1-A Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza UPA1774G-E1-A
Descripción Electrónicos  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA1774G-E1-A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPA1774G-E1-A Datasheet HTML 2Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 3Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 4Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 5Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 6Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 7Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 8Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 9Page - Renesas Technology Corp UPA1774G-E1-A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G15380EJ2V0DS
4
µµµµPA1774
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
Pulsed
VGS =
−10 V
−4.5 V
−4 V
V DS =
− 10 V
Pu ls e d
T A = 150
°C
125
°C
75
°C
25
°C
-2 5
°C
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
-50 -25
0
25
50
75 10 0 12 5 15 0 17 5
V SD =
−10 V
ID =
−1 m A
0. 01
0. 10
1. 00
10. 0 0
100 . 00
T A =
− 25 ° C
25
° C
75
° C
125
° C
150
° C
Pu l s e d
V DS =
− 10 V
Tch - Channel Temperature -
°CID - Drain Current - A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
Pu ls e d
V GS =
− 4.0 V
− 4.5 V
− 10 V
100
200
300
400
Pu ls e d
ID =
−2.8 A
ID - Drain Current - A
VGS - Gate to Source Voltage - V
0
−1
−2
−3
−4
−5
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
−1
−2
−3
−4
−5
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0
−0.01
−0.1
−1
−10
−100
−0.1
−1
−10
−100
0
−5
−10
−15
−20
−100
−10
−1
−0.1
−0.01
−0.001
−0.0001


Número de pieza similar - UPA1774G-E1-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPA1774G NEC-UPA1774G Datasheet
78Kb / 8P
   SWITCHING DUAL P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UPA1774G VBSEMI-UPA1774G Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA1774G RENESAS-UPA1774G Datasheet
304Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - UPA1774G-E1-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com