Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA-100002 Datasheet(PDF) 3 Page - API Technologies Corp

No. de pieza MA-100002
Descripción Electrónicos  X-Band 4 x QTRM Plank Product Capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MA-100002 Datasheet(HTML) 3 Page - API Technologies Corp

  MA-100002 Datasheet HTML 1Page - API Technologies Corp MA-100002 Datasheet HTML 2Page - API Technologies Corp MA-100002 Datasheet HTML 3Page - API Technologies Corp MA-100002 Datasheet HTML 4Page - API Technologies Corp MA-100002 Datasheet HTML 5Page - API Technologies Corp MA-100002 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Performance
Over T
OP Unless Otherwise stated. Limits & Conditions are indicated values. Indicated
values given per channel unless otherwise stated.
Parameter
Min.
Typ.
Max.
Units
Conditions
Parameters: Transmit
Centre Frequency
9.5
GHz
See Note 1
Operating BW
1
GHz
See Note 1
Input Return Loss
10
dB
Common RF In/Out port
Output Return Loss
10
dB
Individual Antenna ports
Pulse Width
3
100
μS
80μS at 30% Duty max.
Duty Cycle
5
30
%
80μS at 30% Duty max.
RS485 Serial Data bus
Differential
Asynchronous UART, half-duplex
Data Control Rate
5.0
Mbps
TX PA Gating Pulse
Differential
Gate TX PA on 2.6 μS before RF pulse,
target 1 μS
Beam Steering Pulse
Differential
Triggers Beam Direction change
No. of Stored Beam Settings
16
Scheduler Mode
Beam Steer Data Transfer Time
350
μS
Time taken to re-load the Scheduler
register
Plank Input Voltage Range
26
+28
30
Volts
Plank Input Current
8.5
Amps
Average current @ 28v, 30% duty
DC Input Consumption
238
Watts
Average power @ 28v, 30% duty
Beam former Insertion Loss
13
dB
To be confirmed
Selectable Int. or Ext. Clock
100
MHz
±20ppm LVDS
Parameters: Transmit
TX Psat
8.5
Watts(pk) 8.5Watts output per antenna port at Fo
TX Input Power Level
+20
+23
dBm
For Psat Out.
Spurious
-60
dBc
TX Phase Variation across pulse
4.0
deg
Across 80μS Pulse at 30% Duty
TX Amplitude Variation across pulse
0.5
dB
Across 80μS Pulse at 30% Duty
Harmonics
-20
dBc
TX Insertion Phase Balance
±15
deg
Between any two channels. Target ±10
TX Power Balance
±2.0
dB
Between any two channels. Target ±1
Parameters: Receive
RX Output P1dB
-4
dBm
RX Gain
14
dB
See Note (2) & (3)
RX Input IP3
-8
dBm
RX Noise Figure
4
dB
See Note (4). Target <3.5dB
Receiver Protection per Channel
15
Watts PK Protection from reflected TX Power
RX Insetion Phase Balance
±15
deg
Between any two channels. Target ±10
RX Gain Balance
±2.0
dB
Between any two channels. Target ±1


Número de pieza similar - MA-100002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
MA-100BF-103-10000 AMPHENOL-MA-100BF-103-10000 Datasheet
82Kb / 4P
   Biomedical Chip Thermistors
MA-100BF-103-2252 AMPHENOL-MA-100BF-103-2252 Datasheet
82Kb / 4P
   Biomedical Chip Thermistors
MA-100BF-103-3000 AMPHENOL-MA-100BF-103-3000 Datasheet
82Kb / 4P
   Biomedical Chip Thermistors
MA-100BF-103-5000 AMPHENOL-MA-100BF-103-5000 Datasheet
82Kb / 4P
   Biomedical Chip Thermistors
MA-100BF-232-10000 AMPHENOL-MA-100BF-232-10000 Datasheet
82Kb / 4P
   Biomedical Chip Thermistors
More results

Descripción similar - MA-100002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
MA9905 CPI-MA9905 Datasheet
323Kb / 1P
   X-Band TR Limiter with integral excess noise generation capability
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
Communications & Power ...
VPX3478 CPI-VPX3478 Datasheet
414Kb / 1P
   X-Band Transmitter
logo
Teledyne Technologies I...
MG5436 TELEDYNE-MG5436 Datasheet
1Mb / 4P
   X-Band Magnetron
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
logo
Sanyo Semicon Device
SVD101 SANYO-SVD101 Datasheet
71Kb / 2P
   X Band VCO, PLO
SVD201 SANYO-SVD201 Datasheet
71Kb / 2P
   X Band VCO, PLO
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
logo
Sanyo Semicon Device
SVD301 SANYO-SVD301 Datasheet
70Kb / 2P
   X Band VCO, PLO
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com