Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1210U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS1210U
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1210U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS1210U Datasheet HTML 1Page - Burr-Brown (TI) ADS1210U Datasheet HTML 2Page - Burr-Brown (TI) ADS1210U Datasheet HTML 3Page - Burr-Brown (TI) ADS1210U Datasheet HTML 4Page - Burr-Brown (TI) ADS1210U Datasheet HTML 5Page - Burr-Brown (TI) ADS1210U Datasheet HTML 6Page - Burr-Brown (TI) ADS1210U Datasheet HTML 7Page - Burr-Brown (TI) ADS1210U Datasheet HTML 8Page - Burr-Brown (TI) ADS1210U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
ADS1210, 1211
®
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 10MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled,VBIAS disabled,
and external 2.5V reference, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ADS1210U, P/ADS1211U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Input Voltage Range(1)
0+5
V
With VBIAS(2)
–10
+10
V
Input Impedance
G = Gain, TMR = Turbo Mode Rate
4/(G • TMR)(3)
M
Programmable Gain Amplifier
User Programmable: 1, 2, 4, 8, or 16
1
16
Input Capacitance
8pF
Input Leakage Current
At +25
°C5
50
pA
At TMIN to TMAX
1nA
SYSTEMS PERFORMANCE
Resolution
24
Bits
No Missing Codes
fDATA = 60Hz
22
Bits
Integral Linearity
fDATA = 60Hz
±0.0015
%FSR
fDATA = 1000Hz, TMR of 16
±0.0015
%FSR
Unipolar Offset Error(4)
See Note 5
Unipolar Offset Drift(6)
1
µV/°C
Gain Error(4)
See Note 5
Gain Error Drift(6)
1
µV/°C
Common-Mode Rejection(9)
At DC, +25
°C
100
115
dB
At DC, TMIN to TMAX
90
115
dB
50Hz, fDATA = 50Hz(7)
160
dB
60Hz, fDATA = 60Hz(7)
160
dB
Normal-Mode Rejection
50Hz, fDATA = 50Hz(7)
100
dB
60Hz, fDATA = 60Hz(7)
100
dB
Output Noise
See Typical Performance Curves
Power Supply Rejection
DC, 50Hz, and 60Hz
65
dB
VOLTAGE REFERENCE
Internal Reference (REFOUT)
2.4
2.5
2.6
V
Drift
25
ppm/
°C
Noise
50
µVp-p
Load Current
Source or Sink
1
mA
Output Impedance
2
External Reference (REFIN)
2.0
3.0
V
Load Current
2.5
µA
VBIAS Output
Using Internal Reference
3.15
3.3
3.45
V
Drift
50
ppm/
°C
Load Current
Source or Sink
10mA
DIGITAL INPUT/OUTPUT
Logic Family
TTL Compatible CMOS
Logic Level: (all except XIN)
VIH
IIH = +5µA
2.0
DVDD +0.3
V
VIL
IIL = +5µA
–0.3
0.8
V
VOH
IOH = 2 TTL Loads
2.4
V
VOL
IOL = 2 TTL Loads
0.4
V
XIN Input Levels: VIH
3.5
DVDD +0.3
V
VIL
–0.3
0.8
V
XIN Frequency Range (fXIN)
0.5
10
MHz
Output Data Rate (fDATA)
User Programmable
2.4
15,625
Hz
fXIN = 500kHz
0.12
781
Hz
Data Format
User Programmable
Two’s Complement
or Offset Binary
SYSTEM CALIBRATION
Offset and Full-Scale Limits
VFS = Full-Scale Differential Voltage(8)
0.7 • (2 • REFIN)/G
VFS – | VOS |VOS = Offset Differential Voltage(8)
1.3 • (2 • REFIN)/G


Número de pieza similar - ADS1210U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1210U TI1-ADS1210U Datasheet
1Mb / 51P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U TI1-ADS1210U Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U/1K TI1-ADS1210U/1K Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U/1KG4 TI1-ADS1210U/1KG4 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com