Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C975 Datasheet(PDF) 216 Page - Advanced Micro Devices

No. de pieza AM79C975
Descripción Electrónicos  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 216 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 212Page - Advanced Micro Devices AM79C975 Datasheet HTML 213Page - Advanced Micro Devices AM79C975 Datasheet HTML 214Page - Advanced Micro Devices AM79C975 Datasheet HTML 215Page - Advanced Micro Devices AM79C975 Datasheet HTML 216Page - Advanced Micro Devices AM79C975 Datasheet HTML 217Page - Advanced Micro Devices AM79C975 Datasheet HTML 218Page - Advanced Micro Devices AM79C975 Datasheet HTML 219Page - Advanced Micro Devices AM79C975 Datasheet HTML 220Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 304 page
background image
216
Am79C973/Am79C975
P R E L I M INARY
Control and Status Registers (Continued)
RAP
Addr
Symbol
Default Value
After H_RESET
Comments
Use
71
CSR71
uuuu uuuu
Reserved
72
CSR72
uuuu uuuu
RCVRC: RCV Ring Counter
T
73
CSR73
uuuu uuuu
Reserved
74
CSR74
uuuu uuuu
XMTRC: XMT Ring Counter
T
75
CSR75
uuuu uuuu
Reserved
76
CSR76
uuuu uuuu
RCVRL: RCV Ring Length
S
77
CSR77
uuuu uuuu
Reserved
78
CSR78
uuuu uuuu
XMTRL: XMT Ring Length
S
79
CSR79
uuuu uuuu
Reserved
80
CSR80
uuuu 1410
DMATCFW: DMA Transfer Counter and FIFO Threshold
S
81
CSR81
uuuu uuuu
Reserved
82
CSR82
uuuu uuuu
Transmit Descriptor Pointer Address Lower
S
83
CSR83
uuuu uuuu
Reserved
84
CSR84
uuuu uuuu
DMABA: Address Register Lower
T
85
CSR85
uuuu uuuu
DMABA: Address Register Upper
T
86
CSR86
uuuu uuuu
DMABC: Buffer Byte Counter
T
87
CSR87
uuuu uuuu
Reserved
88
CSR88
262 5003
(Am79C973)
262 7003
(Am79C975)
Chip ID Register Lower
T
89
CSR89
uuuu 262
Chip ID Register Upper
T
90
CSR90
uuuu uuuu
Reserved
91
CSR91
uuuu uuuu
Reserved
T
92
CSR92
uuuu uuuu
RCON: Ring Length Conversion
T
93
CSR93
uuuu uuuu
Reserved
94
CSR94
uuuu uuuu
Reserved
95
CSR95
uuuu uuuu
Reserved
96
CSR96
uuuu uuuu
Reserved
97
CSR97
uuuu uuuu
Reserved
98
CSR98
uuuu uuuu
Reserved
99
CSR99
uuuu uuuu
Reserved
100
CSR100
uuuu 0200
Bus Timeout
S
101
CSR101
uuuu uuuu
Reserved
102
CSR102
uuuu uuuu
Reserved
103
CSR103
uuuu 0105
Reserved
104
CSR104
uuuu uuuu
Reserved
105
CSR105
uuuu uuuu
Reserved
106
CSR106
uuuu uuuu
Reserved
107
CSR107
uuuu uuuu
Reserved