Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C970A Datasheet(PDF) 198 Page - Advanced Micro Devices

No. de pieza AM79C970A
Descripción Electrónicos  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 198 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 194Page - Advanced Micro Devices AM79C970A Datasheet HTML 195Page - Advanced Micro Devices AM79C970A Datasheet HTML 196Page - Advanced Micro Devices AM79C970A Datasheet HTML 197Page - Advanced Micro Devices AM79C970A Datasheet HTML 198Page - Advanced Micro Devices AM79C970A Datasheet HTML 199Page - Advanced Micro Devices AM79C970A Datasheet HTML 200Page - Advanced Micro Devices AM79C970A Datasheet HTML 201Page - Advanced Micro Devices AM79C970A Datasheet HTML 202Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 219 page
background image
AMD
P R E L I M I N A R Y
198
Am79C970A
PHYSICAL DIMENSIONS
PDL144
Thin Quad Flat Pack
(measured in inches, Ring measured in millimeters)
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
144
1
1.35
1.45
21.80
22.20
19.80
20.20
21.80
22.20
19.80
20.20
0.17
0.27
16-038-PQT-1_AK
PDL144
6-17-96 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More