Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C970A Datasheet(PDF) 192 Page - Advanced Micro Devices

No. de pieza AM79C970A
Descripción Electrónicos  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 192 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 188Page - Advanced Micro Devices AM79C970A Datasheet HTML 189Page - Advanced Micro Devices AM79C970A Datasheet HTML 190Page - Advanced Micro Devices AM79C970A Datasheet HTML 191Page - Advanced Micro Devices AM79C970A Datasheet HTML 192Page - Advanced Micro Devices AM79C970A Datasheet HTML 193Page - Advanced Micro Devices AM79C970A Datasheet HTML 194Page - Advanced Micro Devices AM79C970A Datasheet HTML 195Page - Advanced Micro Devices AM79C970A Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 219 page
background image
AMD
P R E L I M I N A R Y
192
Am79C970A
SWITCHING WAVEFORMS: AUI
Typical > 250 ns
tDOETD
XTAL1
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO–
DO
±
0
11
0
1
Bit (n–2)
Bit (n–1) Bit (n)
1
ISTDCLK
(Note 1)
19436A-69
Note 1:
Internal signal and is shown for clarification only.
Transmit Timing—End of Packet (Last Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More