| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC24HJ128GP310 Datasheet(PDF) 203 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 Datasheet(HTML) 203 Page - Microchip Technology |
|
203 / 286 page ![]() © 2007 Microchip Technology Inc. DS70175F-page 201 PIC24HJXXXGPX06/X08/X10 19.0 10-BIT/12-BIT A/D CONVERTER The PIC24HJXXXGPX06/X08/X10 devices have up to 32 A/D input channels. These devices also have up to 2 A/D converter modules (ADCx, where ‘x’ = 1 or 2), each with its own set of Special Function Registers. The AD12B bit (ADxCON1<10>) allows each of the A/D modules to be configured by the user as either a 10-bit, 4-sample/hold A/D (default configuration) or a 12-bit, 1-sample/hold A/D. 19.1 Key Features The 10-bit A/D configuration has the following key features: • Successive Approximation (SAR) conversion • Conversion speeds of up to 1.1 Msps • Up to 32 analog input pins • External voltage reference input pins • Simultaneous sampling of up to four analog input pins • Automatic Channel Scan mode • Selectable conversion trigger source • Selectable Buffer Fill modes • Two result alignment options (signed/unsigned) • Operation during CPU Sleep and Idle modes The 12-bit A/D configuration supports all the above features, except: • In the 12-bit configuration, conversion speeds of up to 500 ksps are supported • There is only 1 sample/hold amplifier in the 12-bit configuration, so simultaneous sampling of multiple channels is not supported. Depending on the particular device pinout, the A/D con- verter can have up to 32 analog input pins, designated AN0 through AN31. In addition, there are two analog input pins for external voltage reference connections. These voltage reference inputs may be shared with other analog input pins. The actual number of analog input pins and external voltage reference input config- uration will depend on the specific device. Refer to the device data sheet for further details. A block diagram of the A/D converter is shown in Figure 19-1. 19.2 A/D Initialization The following configuration steps should be performed. 1. Configure the A/D module: a) Select port pins as analog inputs (ADxPCFGH<15:0> or ADxPCFGL<15:0>) b) Select voltage reference source to match expected range on analog inputs (ADxCON2<15:13>) c) Select the analog conversion clock to match desired data rate with processor clock (ADxCON3<5:0>) d) Determine how many S/H channels will be used (ADxCON2<9:8> and ADxPCFGH<15:0> or ADxPCFGL<15:0>) e) Select the appropriate sample/conversion sequence (ADxCON1<7:5> and ADxCON3<12:8>) f) Select how conversion results are presented in the buffer (ADxCON1<9:8>) g) Turn on A/D module (ADxCON1<15>) 2. Configure A/D interrupt (if required): a) Clear the ADxIF bit b) Select A/D interrupt priority 19.3 ADC and DMA If more than one conversion result needs to be buffered before triggering an interrupt, DMA data transfers can be used. Both ADC1 and ADC2 can trigger a DMA data transfer. If ADC1 or ADC2 is selected as the DMA IRQ source, a DMA transfer occurs when the AD1IF or AD2IF bit gets set as a result of an ADC1 or ADC2 sample conversion sequence. The SMPI<3:0> bits (ADxCON2<5:2>) are used to select how often the DMA RAM buffer pointer is incremented. The ADDMABM bit (ADxCON1<12>) determines how the conversion results are filled in the DMA RAM buffer area being used for ADC. If this bit is set, DMA buffers are written in the order of conversion. The module will provide an address to the DMA channel that is the same as the address used for the non-DMA stand-alone buffer. If the ADDMABM bit is cleared, then DMA buffers are written in Scatter/Gather mode. The module will provide a scatter/gather address to the DMA channel, based on the index of the analog input and the size of the DMA buffer. Note: This data sheet summarizes the features of this group of PIC24HJXXXGPX06/X08/X10 devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “PIC24H Family Reference Manual”. Refer to the Microchip web site (www.microchip.com) for the latest PIC24H Family Reference Manual sections. Note: The A/D module needs to be disabled before modifying the AD12B bit. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |