| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000 Datasheet(PDF) 166 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Datasheet(HTML) 166 Page - Microsemi Corporation |
|
166 / 262 page ![]() Package Pin Assignments 3- 40 R e v i sio n 1 8 IO102PB4F9 AB15 IO103NB4F9/CLKEN AE16 IO103PB4F9/CLKEP AF16 IO104NB4F9/CLKFN AE14 IO104PB4F9/CLKFP AE15 Bank 5 IO105NB5F10/CLKGN AE12 IO105PB5F10/CLKGP AE13 IO106NB5F10/CLKHN AE11 IO106PB5F10/CLKHP AF11 IO107NB5F10 Y12 IO107PB5F10 AA13 IO108NB5F10 AC12 IO108PB5F10 AB12 IO109NB5F10 AC10 IO109PB5F10 AC11 IO110NB5F10 AF9 IO110PB5F10 AF10 IO111NB5F10 Y11 IO111PB5F10 AA12 IO112NB5F10 AE9 IO112PB5F10 AE10 IO113NB5F10 AC9 IO113PB5F10 AD9 IO114NB5F11 AF6 IO114PB5F11 AF7 IO115NB5F11 AA10 IO115PB5F11 AB10 IO116NB5F11 AE7 IO116PB5F11 AE8 IO117NB5F11 AD7 IO117PB5F11 AD8 IO118NB5F11 AC7 IO118PB5F11 AC8 IO119NB5F11 AD6 FG676 AX500 Function Pin Number IO119PB5F11 AE6 IO120NB5F11 AE5 IO120PB5F11 AF5 IO121NB5F11 AF4 IO121PB5F11 AE4 IO122NB5F11 AC5 IO122PB5F11 AC6 IO123NB5F11 AD4 IO123PB5F11 AD5 IO124NB5F11 AB6 IO124PB5F11 AB7 IO125NB5F11 AE3 IO125PB5F11 AF3 Bank 6 IO126NB6F12 AB3 IO126PB6F12 AC3 IO127NB6F12 AA2 IO127PB6F12 AB2 IO128NB6F12 AC2 IO128PB6F12 AD2 IO129NB6F12 Y1 IO129PB6F12 AA1 IO130NB6F12 Y3 IO130PB6F12 AA3 IO131NB6F12 U6 IO131PB6F12 V6 IO132NB6F12 W2 IO132PB6F12 Y2 IO133NB6F12 V4 IO133PB6F12 W4 IO134NB6F12 V3 IO134PB6F12 W3 IO135NB6F12 V1 IO135PB6F12 V2 IO136NB6F13 U4 FG676 AX500 Function Pin Number IO136PB6F13 U5 IO137NB6F13 T6 IO137PB6F13 T7 IO138NB6F13 T5 IO138PB6F13 T4 IO139NB6F13 R6 IO139PB6F13 R7 IO140NB6F13 T3 IO140PB6F13 U3 IO141NB6F13 U1 IO141PB6F13 U2 IO142NB6F13 R2 IO142PB6F13 T2 IO143NB6F13 P3 IO143PB6F13 R3 IO144NB6F13 P5 IO144PB6F13 P4 IO145NB6F13 P6 IO145PB6F13 P7 IO146NB6F13 R1 IO146PB6F13 T1 Bank 7 IO147NB7F14 N6 IO147PB7F14 N7 IO148NB7F14 N5 IO148PB7F14 N4 IO149NB7F14 N2 IO149PB7F14 N3 IO150NB7F14 L1 IO150PB7F14 M1 IO151NB7F14 M2 IO151PB7F14 M3 IO152NB7F14 M5 IO152PB7F14 M4 IO153NB7F14 M7 FG676 AX500 Function Pin Number |