| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX500 Datasheet(PDF) 198 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX500 Datasheet(HTML) 198 Page - Microsemi Corporation |
|
198 / 262 page ![]() Package Pin Assignments 3- 72 R e v i sio n 1 8 FG1152 AX2000 Function Pin Number Bank 0 IO00NB0F0 D6 IO00PB0F0 C6 IO01NB0F0 H10 IO01PB0F0 H9 IO02NB0F0 F8 IO02PB0F0 G8 IO03NB0F0 A6 IO03PB0F0 B6 IO04NB0F0 C7 IO04PB0F0 D7 IO05NB0F0 K10 IO05PB0F0 J10 IO06NB0F0 F9 IO06PB0F0 G9 IO07NB0F0 F10 IO07PB0F0 G10 IO08NB0F0 E9 IO08PB0F0 E8 IO09NB0F0 J11 IO09PB0F0 K11 IO10NB0F0 C8 IO10PB0F0 D8 IO11NB0F0 K12 IO11PB0F0 J12 IO12NB0F1 G11 IO12PB0F1 H11 IO13NB0F1 G12 IO13PB0F1 H12 IO14NB0F1 A7 IO14PB0F1 B7 IO15NB0F1 H13 IO15PB0F1 J13 IO16NB0F1 C9 IO16PB0F1 D9 IO17NB0F1 F12 IO17PB0F1 F11 IO18NB0F1 E11 IO18PB0F1 E10 IO19NB0F1 F13 IO19PB0F1 G13 IO20NB0F1 A10 IO20PB0F1 A9 IO21NB0F1 K14 IO21PB0F1 K13 IO22NB0F2 B11 IO22PB0F2 B10 IO23NB0F2 C12 IO23PB0F2 C11 IO24NB0F2 A12 IO24PB0F2 A11 IO25NB0F2 H14 IO25PB0F2 J14 IO26NB0F2 D13 IO26PB0F2 D12 IO27NB0F2 F14 IO27PB0F2 G14 IO28NB0F2 E14 IO28PB0F2 E13 IO29NB0F2 B13 IO29PB0F2 B12 IO30NB0F2 C14 IO30PB0F2 C13 IO31NB0F2 H15 IO31PB0F2 J15 IO32NB0F2 A14 IO32PB0F2 B14 IO33NB0F2 K15 IO33PB0F2 L15 IO34NB0F3 D15 FG1152 AX2000 Function Pin Number IO34PB0F3 D14 IO35NB0F3 A15 IO35PB0F3 B15 IO36NB0F3 B16 IO36PB0F3 A16 IO37NB0F3 G16 IO37PB0F3 G15 IO38NB0F3 D16 IO38PB0F3 C16 IO39NB0F3 K16 IO39PB0F3 L16 IO40NB0F3 D17 IO40PB0F3 C17 IO41NB0F3/HCLKAN E16 IO41PB0F3/HCLKAP F16 IO42NB0F3/HCLKBN G17 IO42PB0F3/HCLKBP F17 Bank 1 IO43NB1F4/HCLKCN G19 IO43PB1F4/HCLKCP G18 IO44NB1F4/HCLKDN E19 IO44PB1F4/HCLKDP F19 IO45NB1F4 C18 IO45PB1F4 D18 IO46NB1F4 A18 IO46PB1F4 B18 IO47NB1F4 K19 IO47PB1F4 L19 IO48NB1F4 C19 IO48PB1F4 D19 IO49NB1F4 K20 IO49PB1F4 L20 IO50NB1F4 A19 IO50PB1F4 B19 IO51NB1F4 H20 FG1152 AX2000 Function Pin Number |