| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC10LF322T-EMCSQTP Datasheet(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10LF322T-EMCSQTP Datasheet(HTML) 209 Page - Microchip Technology |
|
209 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 209 PIC10(L)F320/322 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC10F320, PIC10LF320, PIC10F322, PIC10LF322 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) E= -40 C to +125C (Extended) Package: OT = SOT-23 P= PDIP MC = DFN Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC10LF320T - I/OT Tape and Reel, Industrial temperature, SOT-23 package b) PIC10F322 - I/P Industrial temperature PDIP package c) PIC10F320 - E/MC Extended temperature, DFN package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - |