Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F4680ISPSQTP Datasheet(PDF) 468 Page - Microchip Technology

No. de pieza PIC18F4680ISPSQTP
Descripción Electrónicos  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISPSQTP Datasheet(HTML) 468 Page - Microchip Technology

Back Button PIC18F4680ISPSQTP Datasheet HTML 464Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 465Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 466Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 467Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 468Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 469Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 470Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 471Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 472Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 466
Preliminary
© 2007 Microchip Technology Inc.
C
C Compilers
MPLAB C18 ............................................................. 412
MPLAB C30 ............................................................. 412
CALL ................................................................................ 376
CALLW ............................................................................. 405
Capture (CCP1 Module) ................................................... 165
Associated Registers ............................................... 168
CCP1 Pin Configuration ........................................... 165
Software Interrupt .................................................... 165
Timer1/Timer3 Mode Selection ................................ 165
Capture (ECCP1 Module) ................................................ 174
ECCPR1H:ECCPR1L Registers .............................. 165
Capture/Compare/PWM (CCP1) ...................................... 163
Capture Mode.
See Capture.
CCP1 Mode and Timer Resources .......................... 164
CCPR1H or ECCPR1H Register ............................. 164
CCPR1L or ECCPR1L Register ............................... 164
Compare Mode.
See Compare.
Interaction Between CCP1 and ECCP1
for Timer Resources ........................................ 164
Module Configuration ............................................... 164
PWM Mode.
See PWM.
Clock Sources .................................................................... 28
Selecting the 31 kHz Source ...................................... 29
Selection Using OSCCON Register ........................... 29
CLRF ................................................................................ 377
CLRWDT .......................................................................... 377
Code Examples
16 x 16 Signed Multiply Routine .............................. 112
16 x 16 Unsigned Multiply Routine .......................... 112
8 x 8 Signed Multiply Routine .................................. 111
8 x 8 Unsigned Multiply Routine .............................. 111
Changing Between Capture Prescalers ................... 165
Changing to Configuration Mode ............................. 278
Computed GOTO Using an Offset Value ................... 64
Data EEPROM Read ............................................... 107
Data EEPROM Refresh Routine .............................. 108
Data EEPROM Write ............................................... 107
Erasing a Flash Program Memory Row ................... 100
Fast Register Stack .................................................... 64
How to Clear RAM (Bank 1) Using
Indirect Addressing ............................................ 88
Implementing a Real-Time Clock Using
a Timer1 Interrupt Service ............................... 155
Initializing PORTA .................................................... 129
Initializing PORTB .................................................... 132
Initializing PORTC .................................................... 135
Initializing PORTD .................................................... 138
Initializing PORTE .................................................... 141
Loading the SSPBUF (SSPSR) Register ................. 190
Reading a CAN Message ........................................ 293
Reading a Flash Program Memory Word .................. 99
Saving Status, WREG and
BSR Registers in RAM ..................................... 128
Transmitting a CAN Message Using
Banked Method ................................................ 286
Transmitting a CAN Message
Using WIN Bits ................................................. 286
WIN and ICODE Bits Usage in Interrupt Service
Routine to Access TX/RX Buffers .................... 278
Writing to Flash Program Memory ................... 102–103
Code Protection ............................................................... 343
COMF ............................................................................... 378
Comparator ...................................................................... 257
Analog Input Connection Considerations ................ 261
Associated Registers ............................................... 261
Configuration ........................................................... 258
Effects of a Reset .................................................... 260
Interrupts ................................................................. 260
Operation ................................................................. 259
Operation During Sleep ........................................... 260
Outputs .................................................................... 259
Reference ................................................................ 259
External Signal ................................................ 259
Internal Signal .................................................. 259
Response Time ........................................................ 259
Comparator Specifications ............................................... 429
Comparator Voltage Reference ....................................... 263
Accuracy and Error .................................................. 264
Associated Registers ............................................... 265
Configuring .............................................................. 263
Connection Considerations ...................................... 264
Effects of a Reset .................................................... 264
Operation During Sleep ........................................... 264
Compare (CCP Module)
Special Event Trigger .............................................. 161
Compare (CCP1 Module) ................................................ 167
Associated Registers ............................................... 168
CCP1 Pin Configuration ........................................... 167
CCPR1 Register ...................................................... 167
Software Interrupt .................................................... 167
Special Event Trigger .............................................. 167
Timer1/Timer3 Mode Selection ................................ 167
Compare (ECCP Module) ................................................ 174
Compare (ECCP1 Module)
Special Event Trigger ...................................... 174, 256
Configuration Bits ............................................................ 343
Configuration Mode ......................................................... 324
Configuration Register Protection .................................... 360
Context Saving During Interrupts ..................................... 128
Conversion Considerations .............................................. 462
CPFSEQ .......................................................................... 378
CPFSGT .......................................................................... 379
CPFSLT ........................................................................... 379
Crystal Oscillator/Ceramic Resonator ................................ 23
Customer Change Notification Service ............................ 476
Customer Notification Service ......................................... 476
Customer Support ............................................................ 476
D
Data Addressing Modes .................................................... 88
Comparing Addressing Modes with the
Extended Instruction Set Enabled ..................... 92
Direct ......................................................................... 88
Indexed Literal Offset ................................................ 91
Indirect ....................................................................... 88
Inherent and Literal .................................................... 88
Data EEPROM
Code Protection ....................................................... 360
Data EEPROM Memory ................................................... 105
Associated Registers ............................................... 109
EEADR and EEADRH Registers ............................. 105
EECON1 and EECON2 Registers ........................... 105
Operation During Code-Protect ............................... 108
Protection Against Spurious Write ........................... 108
Reading ................................................................... 107
Using ....................................................................... 108
Write Verify .............................................................. 107
Writing ..................................................................... 107