Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F2680ISPQTP Datasheet(PDF) 142 Page - Microchip Technology

No. de pieza PIC18F2680ISPQTP
Descripción Electrónicos  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPQTP Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC18F2680ISPQTP Datasheet HTML 138Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 139Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 140Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 141Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 142Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 143Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 144Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 145Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 140
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
52
LATD(1)
LATD Data Output Register
52
TRISD(1)
PORTD Data Direction Register
52
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction bits
52
ECCP1CON(1) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.
Note 1:
These registers are available on PIC18F4X8X devices only.