| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GRJ552B11H102KA01D Datasheet(PDF) 161 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D Datasheet(HTML) 161 Page - Murata Manufacturing Co., Ltd. |
|
161 / 221 page ![]() 160 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Chip Monolithic Ceramic Capacitors (Medium Voltage) Low Dissipation Factor GRM Series s Features 1. Low-loss and suitable for high frequency circuits 2. Murata's original internal electrode structure provides high flash-over voltage. 3. A new monolithic structure for small, surface- mountable devices capable of operating at high voltage levels 4. Sn-plated external electrodes provides good solderability. 5. Use the GRM21/31 type with flow or reflow soldering, and other types with reflow soldering only. s Applications Ideal for use on high frequency pulse circuits such as snubber circuits for switching power supplies, DC-DC converters, ballasts (inverter fluorescent lamps), etc. Do not use these products in any Automotive Power train or Safety equipment including Battery chargers for Electric Vehicles and Plug-in Hybrids. Only Murata products clearly stipulated as "for Automotive use" can be used for automobile applications such as Power train and Safety equipment. Part Number LW T Dimensions (mm) e min. g min. 1.5* 0.7 1.6 ±0.2 2.5 ±0.2 2.0 ±0.2 0.3 2.9 GRM32A GRM32B GRM42A GRM31B GRM31A GRM21B GRM21A 3.2 ±0.2 1.25 ±0.2 2.0 ±0.2 3.2 ±0.2 4.5 ±0.3 * GRM31A7U3D, GRM32A7U3D, GRM32B7U3D: 1.8mm min. L W e e g 1.0 +0,- 0.3 1.25 ±0.2 1.0 +0,- 0.3 1.0 +0,- 0.3 1.0 +0,- 0.3 1.25 +0,- 0.3 1.25 +0,- 0.3 C0G Characteristics Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) GRM21A5C2E100JW01D DC250 C0G (EIA) 10 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E120JW01D DC250 C0G (EIA) 12 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E150JW01D DC250 C0G (EIA) 15 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E180JW01D DC250 C0G (EIA) 18 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E220JW01D DC250 C0G (EIA) 22 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E270JW01D DC250 C0G (EIA) 27 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E330JW01D DC250 C0G (EIA) 33 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E390JW01D DC250 C0G (EIA) 39 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E470JW01D DC250 C0G (EIA) 47 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E560JW01D DC250 C0G (EIA) 56 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E680JW01D DC250 C0G (EIA) 68 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E820JW01D DC250 C0G (EIA) 82 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM21A5C2E101JW01D DC250 C0G (EIA) 100 ±5% 2.0 1.25 1.0 0.7 0.3 min. GRM31A5C2J100JW01D DC630 C0G (EIA) 10 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J120JW01D DC630 C0G (EIA) 12 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J150JW01D DC630 C0G (EIA) 15 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J180JW01D DC630 C0G (EIA) 18 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J220JW01D DC630 C0G (EIA) 22 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J270JW01D DC630 C0G (EIA) 27 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J330JW01D DC630 C0G (EIA) 33 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J390JW01D DC630 C0G (EIA) 39 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J470JW01D DC630 C0G (EIA) 47 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A5C2J560JW01D DC630 C0G (EIA) 56 ±5% 3.2 1.6 1.0 1.5 0.3 min. Continued on the following page. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |