Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

32GA002 Datasheet(PDF) 247 Page - Microchip Technology

No. de pieza 32GA002
Descripción Electrónicos  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 247 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 243Page - Microchip Technology 32GA002 Datasheet HTML 244Page - Microchip Technology 32GA002 Datasheet HTML 245Page - Microchip Technology 32GA002 Datasheet HTML 246Page - Microchip Technology 32GA002 Datasheet HTML 247Page - Microchip Technology 32GA002 Datasheet HTML 248Page - Microchip Technology 32GA002 Datasheet HTML 249Page - Microchip Technology 32GA002 Datasheet HTML 250Page - Microchip Technology 32GA002 Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 247
PIC24FJ64GA004 FAMILY
28.0
PACKAGING INFORMATION
28.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
28-Lead SOIC (.300”)
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ16GA002/SO
0810017
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
24FJ48GA
002/ML
0810017
3
e
3
e
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
-I/SP
PIC24FJ16GA002
0810017
3
e
28-Lead SSOP
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
24FJ16GA002
/SS
0810017
3
e