Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C512Q120 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza NM27C512Q120
Descripción Electrónicos  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C512Q120 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NM27C512Q120 Datasheet HTML 1Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 2Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 3Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 4Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 5Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 6Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 7Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 8Page - Fairchild Semiconductor NM27C512Q120 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Programming Characteristics (Note 10) and (Note 11)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tAS
Address Setup Time
1
µs
tOES
OE Setup Time
1
µs
tDS
Data Setup Time
1
µs
t
VCS
V
CC Setup Time
1
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
1
µs
tCF
Chip Enable to Output Float Delay
OE = VIL
060
ns
t
PW
Program Pulse Width
45
50
105
µs
tOEH
OE Hold Time
1
µs
tDV
Data Valid from CE
OE = VIL
250
ns
tPRT
OE Pulse Rise Time
50
ns
during Programming
tVR
VPP Recovery Time
1
µs
IPP
VPP Supply Current during
CE = VIL
30
mA
Programming Pulse
OE = V
PP
ICC
VCC Supply Current
50
mA
TR
Temperature Ambient
20
25
30
°C
VCC
Power Supply Voltage
6.25
6.5
6.75
V
V
PP
Programming Supply Voltage
12.5
12.75
13
V
tFR
Input Rise, Fall Time
5
ns
VIL
Input Low Voltage
0
0.45
V
VIH
Input High Voltage
2.4
4
V
t
IN
Input Timing Reference Voltage
0.8
2
V
tOUT
Output Timing Reference Voltage
0.8
2
V
Programming Waveforms
Note 10: Fairchild’s standard product warranty applies to devices programmed to specifications described herein.
Note 11: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. The EPROM must not be inserted into or removed from a board with
voltage applied to VPP or VCC.
Note 12: The maximum absolute allowable voltage which may be applied to the VPP pin during programming is 14V. Care must be taken when switching the VPP supply to
prevent any overshoot from exceeding this 14V maximum specification. At least a 0.1
µF capacitor is required across V
CC to GND to suppress spurious voltage transients which
may damage the device.
t AS
Program
Program Verify
Address N
t CF
Hi-Z
t DS
t DH
t VPS
t PW
t OEH
t AH
2.0V
0.8V
2.0V
0.8V
6.25V
Addresses
Data
OE/VPP
VCC
0.8V
t OES
Data Out Valid
ADD N
Data In Stable
ADD N
2.0V
0.8V
t DV
tPRT
12.75V
t VCS
t VR
CE/PGM
DS010834-5


Número de pieza similar - NM27C512Q120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
NM27C512Q120 NSC-NM27C512Q120 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C512Q120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com