Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C256 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza NM27C256
Descripción Electrónicos  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C256 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NM27C256 Datasheet HTML 1Page - Fairchild Semiconductor NM27C256 Datasheet HTML 2Page - Fairchild Semiconductor NM27C256 Datasheet HTML 3Page - Fairchild Semiconductor NM27C256 Datasheet HTML 4Page - Fairchild Semiconductor NM27C256 Datasheet HTML 5Page - Fairchild Semiconductor NM27C256 Datasheet HTML 6Page - Fairchild Semiconductor NM27C256 Datasheet HTML 7Page - Fairchild Semiconductor NM27C256 Datasheet HTML 8Page - Fairchild Semiconductor NM27C256 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings (Note 1)
Storage Temperature
-65
°C to +150°C
All Input Voltages except A9 with
Respect to Ground
-0.6V to +7V
VPP and A9 with Respect
to Ground
-0.7V to +14V
VCC Supply Voltage with
Respect to Ground
-0.6V to +7V
ESD Protection
> 2000V
All Output Voltages with
Respect to Ground
V
CC + 1.0V to GND -0.6V
Operating Range
Range
Temperature
V
CC
Comm’l
0
°C to +70°C
+5V
±10%
Industrial
-40
°C to +85°C
+5V
±10%
Read Operation
DC Electrical Characteristics Over Operating Range with V
PP = VCC
Symbol
Parameter
Test Conditions
Min
Max
Units
V
IL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
2.0
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -2.5 mA
3.5
V
I
SB1
V
CC Standby Current
CE = V
CC ±0.3V
100
µA
(Note 11)
(CMOS)
ISB2
VCC Standby Current (TTL)
CE = VIH
1mA
ICC1
VCC Active Current
CE = OE = VIL,f=5 MHz
35
mA
TTL Inputs
Inputs = V
IH or VIL, I/O = 0 mA
IPP
VPP Supply Current
VPP = VCC
10
µA
VPP
VPP Read Voltage
VCC - 0.7
VCC
V
I
LI
Input Load Current
V
IN = 5.5V or GND
-1
1
µA
I
LO
Output Leakage Current
V
OUT = 5.5V or GND
-10
10
µA
AC Electrical Characteristics Over Operating Range with V
PP = VCC
Symbol
Parameter
90
100
120
150
200
Units
Min Max Min Max Min Max Min Max Min Max
t
ACC
Address to Output Delay
90
100
120
150
200
ns
t
CE
CE to Output Delay
90
100
120
150
200
tOE
OE to Output Delay
35
50
50
50
50
tDF
Output Disable to
30
30
35
45
45
(Note 2)
Output Float
tOH
Output Hold from
00000
(Note 2)
Addresses,
CE or OE, Whichever
Occurred First
Capacitance (Note 2) T
A = +25˚C, f = 1 MHz
Symbol
Parameter
Conditions
Typ Max
Units
CIN
Input Capacitance
VIN = 0V
6
12
pF
COUT
Output Capacitance
VOUT = 0V
9
12
pF


Número de pieza similar - NM27C256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 NSC-NM27C256N120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N150 NSC-NM27C256N150 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N200 NSC-NM27C256N200 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256NE120 NSC-NM27C256NE120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com