Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C210 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza NM27C210
Descripción Electrónicos  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor NM27C210 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
44-Lead Plastic Chip Carrier (V)
Order Number NM27C210VXXX
Package Number V44A
6
1 44
40
39
29
17
17
18
28
0.050
[1.27]
TYP
0.500
[12.70]
TYP
0.650
+0.006
–0.000
16.51
+0.15
0
PIN 1 IDENT
0.690
± 0.005
[17.53 –0.13]
TYP
0.045
[1.14]
45
°X
0.017
±0.021
[0.43
±0.10]
0.045
[1.14]
0.020
[0.51]
0.610
±0.020
[15.49
±0.51]
0.105
±0.015
[2.67
±0.38]
TYP
TYP
MIN TYP
Seating
plane
TYP
0.165–0.180
[4.19–4.57]
TYP
45
°X
0.004 [0.10]
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841


Número de pieza similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
1,048,576-Bit (64K x 16) Low Voltage EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
1 MEG CMOS EPROM(64K X 16)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com