Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C210 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza NM27C210
Descripción Electrónicos  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM27C210 Datasheet HTML 1Page - Fairchild Semiconductor NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
NM27C210
1,048,576-Bit (64K x 16) High Performance
CMOS EPROM
General Description
The NM27C210 is a high performance Electrically Programmable
UV erasable ROM (EPROM). It contains 1,048,576 bits config-
ured as 64K x 16 bit. It is offered in both erasable versions for
prototyping and early production applications as well as non-
erasable, plastic packaged versions that are ideal for high volume
and automated assembly applications.
The NM27C210 operates from a single 5 volt
±10% supply in the
read mode.
The NM27C210 is offered in both DIP and surface mount pack-
ages. The DIP package is a 40-pin dual-in-line ceramic with a
quartz window to allow erasing. The surface mount package is a
44-pin PLCC that is offered in OTP.
This EPROM is manufactured using Fairchild’s proprietary AMG™
EPROM technology for an excellent combination of speed and
economy while providing excellent reliability.
Block Diagram
July 1998
Features
s High performance CMOS
— 90 ns access time
s Fast turn-off for microprocessor compatibility
s Simplified upgrade path
—VPP and PGM are “Don’t Care” during normal read
operation
s Compatible with 27210 and 27C210 EPROMs
s Manufacturer’s identification code
s Fast programming
s JEDEC standard pin configuration
— 40-pin CDIP package
— 40-pin PDIP package
— 44-pin PLCC package
DS011093-1
AMG™ is a trademark of WSI, Inc.
© 1998 Fairchild Semiconductor Corporation
Vcc
GND
Vpp
OE
PGM
CE
Output Enable
Chip Enable, and
Program Logic
Y
Decoder
X
Decoder
Output
Buffers
4,194,304-Bit
Cell Matrix
A0 - A15
Address
Inputs
Data Outputs O0 - O15


Número de pieza similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
1,048,576-Bit (64K x 16) Low Voltage EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
1 MEG CMOS EPROM(64K X 16)
November 12 1990
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com