Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C210 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza NM27C210
Descripción Electrónicos  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor NM27C210 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
40-Lead EPROM Ceramic Dual-In-Line Package (Q)
Order Number NM27C210QXXX
Package Number J40BQ
40-Lead Molded Dual-In-Line Package (N)
Order Number NM27C210NXXX
Package Number N40A
0.590-0.620
(14.985-15.748)
0.08-0.012
(0.203-0.305)
0.180
(4.572)
MAX
0.150
(3.810)
MIN
0.090
(2.489)
MAX
(Both Ends)
86°-94° TYP
0.055-0.005
(1.397±0.127)
TYP
0.125-0.200
(3.175-5.080)
0.005
(0.127)
95° ±5°
0.100±0.010
(2.540±0.254)
TYP
0.020-0.070
(0.508-1.778)
Glass
Sealant
17.40
+0.635
-1.524
(
(
2.080
(52.03)
MAX
40
1
20
0.030-0.055
(0.762-1.397)
RAD TYP
0.025
(0.036)
21
RAD
0.280±0.04
(7.112±0.102)
UV Window
0.225
(5.715)
MAX
0.018±0.003
(.457±0.076)
TYP
MIN
0.530
(13.46)
Max Ceramic
0.550
(13.97)
Max Glass
0.685
+0.025
-0.060
Physical Dimensions inches (millimeters) unless otherwise noted
0.580
(14.73)
MIN
86°-94°
TYP
0.075±0.015
(1.905±0.381)
0.009-0.015
(0.229-0.381)
95° ± 5°
0.018±0.003
(0.457±0.076)
15.875
+0.635
-0.381
(
(
2.043-2.070
(51.89-52.58)
MAX
40
1
20
PIN No. 1 IDENT
0.062
(1.575)
21
RAD
0.225
(5.715)
0.100±0.010
(2.540±0.254)
0.550 ±0.005
(13.970±0.127)
0.625
+0.025
-0.015
0.600-0.620
(15.240-15.748)
0.050
(1.270)
TYP
0.020
(0.508)
MIN
0.125-0.140
(3.175-3.556)
0.125-0.165
(3.175-4.191)
0.030
(0.762)
MAX


Número de pieza similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
1,048,576-Bit (64K x 16) Low Voltage EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
1 MEG CMOS EPROM(64K X 16)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com