Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C210 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza NM27C210
Descripción Electrónicos  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor NM27C210 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
Functional Description (Continued)
at V
IH for the device code. The code is read on the lower eight data
pins, O0 –07 . Proper code access is only guaranteed at 25
°C ±
5
°C.
ERASURE CHARACTERISTICS
The erasure characteristics of the device are such that erasure
begins to occur when exposed to light with wavelengths shorter
than approximately 4000 Angstroms (Å). It should be noted that
sunlight and certain types of fluorescent lamps have wavelengths
in the 3000Å – 4000Å range.
The recommended erasure procedure for the EPROM is expo-
sure to short wave ultraviolet light which has a wavelength of
2537Å. The integrated dose (i.e., UV intensity x exposure time) for
erasure should be a minimum of 15W-sec/cm2.
The EPROM should be placed within 1 inch of the lamp tubes
during erasure. Some lamps have a filter on their tubes which
should be removed before erasure.
An erasure system should be calibrated periodically. The distance
from lamp to device should be maintained at one inch. The erasure
time increases as the square of the distance from the lamp (if
distance is doubled the erasure time increases by factor of 4).
Lamps lose intensity as they age. When a lamp is changed, the
distance has changed, or the lamp has aged, the system should
be checked to make certain full erasure is occurring. Incomplete
erasure will cause symptoms that can be misleading. Program-
mers, components, and even system designs have been errone-
ously suspected when incomplete erasure was the problem.
SYSTEM CONSIDERATION
The power switching characteristics of EPROMs require careful
decoupling of the devices. The supply current, ICC, has three
segments that are of interest to the system designer: the standby
current level, the active current level, and the transient current
peaks that are produced by voltage transitions on input pins. The
magnitude of these transient current peaks is dependent on the
output capacitance loading of the device. The associated VCC
transient voltage peaks can be suppressed by properly selected
decoupling capacitors. It is recommended that at least a 0.1
µF
ceramic capacitor be used on every device between VCC and
GND. This should be a high frequency capacitor of low inherent
inductance. In addition, at least a 4.7
µF bulk electrolytic capacitor
should be used between VCC and GND for each eight devices. The
bulk capacitor should be located near where the power supply is
connected to the array. The purpose of the bulk capacitor is to
overcome the voltage drop caused by the inductive effects of the
PC board traces.
MODE SELECTION
The modes of operation of the NM27C210 are listed in Table 1. A single 5V power supply is required in the read mode. All inputs are
TTL levels except for VPP and A9 for device signature.
TABLE 1. Modes Selection
Pins
CE
OE
PGM
V
PP
V
CC
Outputs
Mode
Read
VIL
VIL
X
X
5.0V
DOUT
(Note 16)
Output Disable
X
V
IH
X
X
5.0V
High Z
Standby
V
IH
X
X
X
5.0V
High Z
Programming
VIL
VIH
VIL
12.75V
6.25V
DIN
Program Verify
VIL
VIL
VIH
12.75V
6.25V
DOUT
Program Inhibit
V
IH
X
X
12.75V
6.25V
High Z
Note 16: X can be VIL or VIH.
TABLE 2. Manufacturer’s Identification Code
Pins
A0
A9
O7
O6
O5
O4
O3
O2
O1
O0
Hex
(21)
(31)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
Data
Manufacturer Code
VIL
12V
10001111
8F
Device Code
VIH
12V
11010110
D6


Número de pieza similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
1,048,576-Bit (64K x 16) Low Voltage EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
1 MEG CMOS EPROM(64K X 16)
November 12 1990
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com