Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM27C210 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza NM27C210
Descripción Electrónicos  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM27C210 Datasheet HTML 1Page - Fairchild Semiconductor NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
AC Test Conditions
Output Load
1 TTL Gate and C
L = 100 pF (Note 8)
Input Rise and Fall Times
≤5 ns
Input Pulse Levels
0.45V to 2.4V
Timing Measurement Reference Level
Inputs
0.8V and 2V
Outputs
0.8V and 2V
AC Waveforms (Note 6) , (Note 7) , (Note 9)
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note 2: This parameter is only sampled and is not 100% tested.
Note 3: OE may be delayed up to tACC - tOE after the falling edge of CE without impacting tACC.
Note 4: The tDF and tCF compare level is determined as follows:
High to TRI-STATE®, the measured VOH1 (DC) - 0.10V;
Low to TRI-STATE, the measured VOL1 (DC) + 0.10V.
Note 5: TRI-STATE may be attained using OE or CE .
Note 6: The power switching characteristics of EPROMs require careful device decoupling. It is recommended that at least a 0.1
µF ceramic capacitor be used on every device
between VCC and GND.
Note 7: The outputs must be restricted to VCC + 1.0V to avoid latch-up and device damage.
Note 8: 1 TTL Gate: IOL = 1.6 mA, IOH = -400 µA.
CL: 100 pF includes fixture capacitance.
Note 9: V
PP may be connected to VCC except during programming.
Note 10: Inputs and outputs can undershoot to -2.0V for 20 ns Max.
t
OH
t
DF
Notes 4, 5
t
CF
Notes 4, 5
t
ACC
Note 3
t
OE
Note 3
High Z
2.0V
0.8V
Output
2.0V
0.8V
OE
2.0V
0.8V
CE
2.0V
0.8V
Adresses
High Z
Addresses Valid
t
CE
DS011093-4


Número de pieza similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
1,048,576-Bit (64K x 16) Low Voltage EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
1 MEG CMOS EPROM(64K X 16)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com