| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE04SA Datasheet(PDF) 188 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE04SA Datasheet(HTML) 188 Page - Tyco Electronics |
|
188 / 326 page ![]() F13 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Rocker/Paddle Switches Rocker Switches, A Series, PC Tail, Straight or Vertical Right Angle .125 (3.18) .265 (6.73) .050 (1.27) .150 (3.81) TYP. .031 (0.80) TYP. .050 (1.27) .500 (12.70) .236 (6.00) .370 (9.40) .100 (2.54) .500 (12.70) .108 (2.74) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA. TYP. .311 (7.90) .531 (13.48) 25 .366 (9.30) .016 (0.40) TYP. .200 (5.08) EPOXY SEAL 3 2 1 o .453 (11.50) .040 (1.01) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA TYP. .366 (9.30) .016 (0.40) TYP. .200 (5.08) .050 (1.27) TYP. .190 (4.83) .190 (4.82) 1 2 3 4 5 6 SPDT A101J1AV2QO DPDT A205J1AV2QO Standard Rocker Color - (Black) SPDT A201J1CQO Standard Rocker Color - (Black) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 1-1437591-3 A101J1CQ0 SPDT 1 On None On 4-1437591-8 A105J1CQ0 SPDT 5 (On) Off (On) 7-1437591-2 A201J1CQ0 DPDT 2 On None On — A203J1CQ0 DPDT 6 On Off On — A205J1CQ0 DPDT 6 (On) Off (On) .275 (6.98) .050 (1.27) TYP. .250 (6.35) .138 (3.50) .370 (9.40) .030 (0.80) TYP. .500 (12.70) .185 (4.70) TYP. .310 (7.87) .531 (13.48) 25 .365 (9.27) EPOXY SEAL 1.15 (29.3) ..937 (23.80) .024 (0.61) .386 (9.80) .094 (2.38) DIA. 2 PLCS. o .275 (6.98) .050 (1.27) TYP. .500 (12.70) .365 (9.27) 1.15 (29.3) .937 (23.80) .094 (2.38) DIA. 2 PLCS. .450 (11.43) .040 (1.01) .190 (4.82) .185 (4.70) TYP. .073 (1.85) DIA. TYP. 3 2 1 .185 (4.70) TYP. .073 (1.85) DIA TYP. .190 (4.83) 1 2 3 4 5 6 .275 (6.98) .050 (1.27) TYP. .250 (6.35) .138 (3.50) .370 (9.40) .030 (0.80) TYP. .500 (12.70) .185 (4.70) TYP. .310 (7.87) .531 (13.48) 25 .365 (9.27) EPOXY SEAL 1.15 (29.3) ..937 (23.80) .024 (0.61) .386 (9.80) .094 (2.38) DIA. 2 PLCS. o .275 (6.98) .050 (1.27) TYP. .500 (12.70) .365 (9.27) 1.15 (29.3) .937 (23.80) .094 (2.38) DIA. 2 PLCS. .450 (11.43) .040 (1.01) .190 (4.82) .185 (4.70) TYP. .073 (1.85) DIA. TYP. 3 2 1 .185 (4.70) TYP. .073 (1.85) DIA TYP. .190 (4.83) 1 2 3 4 5 6 Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 1-1437591-1 A101J1AV2Q0 SPDT 1 On None On 4-1437591-7 A105J1AV2Q0 SPDT 5 (On) Off (On) 7-1437591-1 A201J1AV2Q0 DPDT 2 On None On 9-1437591-6 A205J1AV2Q0 DPDT 6 (On) Off (On) A101J1CQO DPDT .125 (3.18) .265 (6.73) .050 (1.27) .150 (3.81) TYP. .031 (0.80) TYP. .050 (1.27) .500 (12.70) .236 (6.00) .370 (9.40) .100 (2.54) .500 (12.70) .108 (2.74) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA. TYP. .311 (7.90) .531 (13.48) 25 .366 (9.30) .016 (0.40) TYP. .200 (5.08) EPOXY SEAL 3 2 1 o .453 (11.50) .040 (1.01) .200 (5.08) .500 (12.7) .150 (3.81) TYP. .073 (1.85) DIA TYP. .366 (9.30) .016 (0.40) TYP. .200 (5.08) .050 (1.27) TYP. .190 (4.83) .190 (4.82) 1 2 3 4 5 6 * Refer to Pages F7 for Product Specifications and Part Matrix |