Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCIF0 Datasheet(PDF) 253 Page - ATMEL Corporation

No. de pieza PCIF0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 253 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 249Page - ATMEL Corporation PCIF0 Datasheet HTML 250Page - ATMEL Corporation PCIF0 Datasheet HTML 251Page - ATMEL Corporation PCIF0 Datasheet HTML 252Page - ATMEL Corporation PCIF0 Datasheet HTML 253Page - ATMEL Corporation PCIF0 Datasheet HTML 254Page - ATMEL Corporation PCIF0 Datasheet HTML 255Page - ATMEL Corporation PCIF0 Datasheet HTML 256Page - ATMEL Corporation PCIF0 Datasheet HTML 257Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 294 page
background image
253
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 22-8. Serial programming Instruction Example
22.9
Serial Programming Characteristics
Figure 22-9. Serial Programming Waveforms
For characteristics of the SPI module, See ”SPI Timing Characteristics” on page 267.
Byte 1
Byte 2
Byte 3
Byte 4
Bit 15
B
Addr. MSB
Addr. LSB
0
Byte 1
Byte 2
Byte 3
Byte 4
Bit 15
B
Addr. MSB
Addr. MSB
0
Page Buffer
Page Number
Program Memory /
EEPROM Memory
Serial Programming Instruction
Page Offset
Load Program Memory Page (High/Low Byte) /
Load EEPROM Memory Page (Page Access)
Write Program Memory Page /
Write EEPROM Memory Page
Page 0
Page 1
Page 2
Page N-1
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
(SCK)
SERIAL DATA INPUT
(MOSI)
(MISO)
SAMPLE
SERIAL DATA OUTPUT