Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F2610E/SOSQTP Datasheet(PDF) 351 Page - Microchip Technology

No. de pieza PIC18F2610E/SOSQTP
Descripción Electrónicos  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610E/SOSQTP Datasheet(HTML) 351 Page - Microchip Technology

Back Button PIC18F2610E/SOSQTP Datasheet HTML 347Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 348Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 349Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 350Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 351Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 352Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 353Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 354Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 353
PIC18F2X1X/4X1X
27.0 PACKAGING INFORMATION
27.1
Package Marking Information
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2610-I/SP
0710017
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2610-E/SO
0710017
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
Example
18F2510
-I/ML
0710017
3
e