| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC68HC908GR4MP Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc |
|
201 / 408 page ![]() Monitor ROM (MON) Functional Description MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Monitor ROM (MON) 201 A sequence of IREAD or IWRITE commands can access a block of memory sequentially over the full 64K byte memory map. Table 15-8. READSP (Read Stack Pointer) Command Description Reads stack pointer Operand None Data Returned Returns incremented stack pointer value (SP + 1) in high-byte:low- byte order Opcode $0C Command Sequence Table 15-9. RUN (Run User Program) Command Description Executes PULH and RTI instructions Operand None Data Returned None Opcode $28 Command Sequence READSP READSP ECHO FROM HOST SP RETURN SP HIGH LOW RUN RUN ECHO FROM HOST Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |