Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F1825T-ESS Datasheet(PDF) 199 Page - Microchip Technology

No. de pieza PIC16F1825T-ESS
Descripción Electrónicos  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825T-ESS Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC16F1825T-ESS Datasheet HTML 195Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 196Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 197Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 198Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 199Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 200Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 201Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 202Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 448 page
background image
 2010-2012 Microchip Technology Inc.
DS41440C-page 199
PIC16(L)F1825/1829
22.0 TIMER2/4/6 MODULES
There are up to three identical Timer2-type modules
available. To maintain pre-existing naming conventions,
the Timers are called Timer2, Timer4 and Timer6 (also
Timer2/4/6).
The Timer2/4/6 modules incorporate the following
features:
• 8-bit Timer and Period registers (TMRx and PRx,
respectively)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16,
and 1:64)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMRx match with PRx, respectively
• Optional use as the shift clock for the MSSPx
modules (Timer2 only)
See Figure 22-1 for a block diagram of Timer2/4/6.
FIGURE 22-1:
TIMER2/4/6 BLOCK DIAGRAM
Note:
The ‘x’ variable used in this section is
used to designate Timer2, Timer4 or
Timer6. For example, TxCON references
T2CON,
T4CON
or
T6CON.
PRx
references PR2, PR4 or PR6.
Comparator
TMRx
Sets Flag
TMRx
Output
Reset
Postscaler
Prescaler
PRx
2
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16, 1:64
EQ
4
bit TMRxIF
TxOUTPS<3:0>
TxCKPS<1:0>