Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HL-5050G Datasheet(PDF) 2 Page - Omron Electronics LLC

No. de pieza HL-5050G
Descripción Electrónicos  Economical, Miniature Limit Switch Boasting Rigid Construction
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HL-5050G Datasheet(HTML) 2 Page - Omron Electronics LLC

  HL-5050G Datasheet HTML 1Page - Omron Electronics LLC HL-5050G Datasheet HTML 2Page - Omron Electronics LLC HL-5050G Datasheet HTML 3Page - Omron Electronics LLC HL-5050G Datasheet HTML 4Page - Omron Electronics LLC HL-5050G Datasheet HTML 5Page - Omron Electronics LLC HL-5050G Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HL-5000
Characteristics
Note: 1. The above figures are initial values.
2. The above characteristics may vary depending on the model. For
further details, contact your OMRON sales representative.
* The values are calculated at an operating temperature of +5
°C to +35°C, and
an operating humidity of 40% to 70%RH. Contact your OMRON sales
representative for more detailed information on other operating environments.
Engineering Data
Electrical Durability (cos dia. =1)
(Operating temperature: +5
°C to +35°C,
Operating humidity: 40% to 70%RH)
Structure and Nomenclature
Structure
Contact Form
Degree of protection
IP65
Durability *
Mechanical
10,000,000 operations min. (under
rated conditions)
Electrical
See the following Electrical Durability.
Operating speed
5 mm/s to 0.5 m/s
Operating
frequency
Mechanical
120 operations/min
Electrical
30 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
25 m
Ω max. (initial value)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between
terminals of the same polarity
1,500 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ground
1,500 VAC, 50/60 Hz for 1 min between
each terminal and non-current-carrying
metal part
Rated frequency
50/60 Hz
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock
resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min.
Ambient operating
temperature
−5°C to +65°C (with no icing)
Ambient operating
humidity
35% to 95%RH
Weight
Approx. 130 to 190 g
1,000
500
0
12
3
4
5
6
Switching current (A)
Operating frequency:
30 operations/min
125 VAC (cos dia. = 1)
Cover
Resin roller
Lever
Head
Built-in switch
Connector
3 (NO)
2 (NC)
(NO) 4
(NC) 1
Za


Número de pieza similar - HL-5050G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
HL-5050 OMRON-HL-5050 Datasheet
721Kb / 7P
Economical, Miniature Limit Switch Boasting Rigid Construction
More results

Descripción similar - HL-5050G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
HL5030 OMRON-HL5030 Datasheet
721Kb / 7P
Economical, Miniature Limit Switch Boasting Rigid Construction
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
logo
Greystone Energy System...
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
logo
Highly Electric Co., Lt...
EFM-L-3-20 HIGHLY-EFM-L-3-20 Datasheet
1Mb / 4P
EFM SERIES MINIATURE METAL SAFETY LIMIT SWITCH
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
logo
Omron Electronics LLC
D4MC-2020 OMRON-D4MC-2020 Datasheet
714Kb / 7P
Economical, High Utility Enclosed Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com