Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3290H-1-103M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza 3290H-1-103M
Descripción Electrónicos  Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3290H-1-103M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3290H-1-103M Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Multiturn/ Wirewound / Industrial / Sealed
■ Listed on the QPL for style RT24 per
MIL-R-27208 and RTR24 per
High-Rel MIL-R-39015
■ Panel mount option available
RoHS compliant*
For trimmer applications/processing
guidelines, click here
3290 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Standard Resistance Range
.................................. 10 to 50K ohms
(see standard resistance table)
Resistance Tolerance ............. ±5 % std.
(tighter tolerance available)
Absolute Minimum Resistance
.......................... 0.1 % or 1 ohm max.
(whichever is greater)
Noise .....................100 ohms ENR max.
Resolution
...........(see standard resistance table)
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level............................. 1,000 vac
80,000 Feet ............................ 350 vac
Adjustment Travel.............25 turns nom.
Environmental Characteristics
Power Rating @ 85 °C ............... 1.0 watt
Power Rating @ 150 °C ................ 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ..... ±50 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 106
96 hours (2 %
ΔTR; 100 Megohms IR)
Vibration ......................................... 30 G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Shock ........................................... 100 G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Load Life ..1,000 hours 1.0 watt @ 85 °C
(2 %
ΔTR; 500 ohms ENR)
Rotational Life .......................200 cycles
(2 %
ΔTR; 500 ohms ENR)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals Solderable printed circuit pins
Weight ..................................... 0.025 oz.
Marking.........Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3290 H - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount
(Factory Installed)
Consult factory for other available options.
REV. 08/10
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
3290H
Common Dimensions
3
2
1
1
2
3
4.75
(.187)
2.54
(.100)
4.75
(.187)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.19
(.075)
3.81
(.150)
1.27**
(.050)
1.52**
(.060)
1.91
(.075)
1.02
(.040)
9.53 ±.38**
(.375 ±.015)
32 1
2.54
(.100)
4.75
(.187)
9.53 ±.38**
(.375 ±.015)
2.54
(.100)
8.00 ±.38
(.315 ±.015)
TYP.**
.51 ±.03
(.020 ±.001)
DIA. TYP.**
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
3290P
3290W
Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.11
20
200
0.93
50
500
0.62
100
101
0.60
200
201
0.54
500
501
0.42
1,000
102
0.33
2,000
202
0.26
5,000
502
0.20
10,000
103
0.17
20,000
203
0.14
25,000
253
0.13
50,000
503
0.11
Popular values listed in boldface. Special
resistances available.
**Common dimensions


Número de pieza similar - 3290H-1-103M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
176Kb / 1P
Square Trimpot짰 Trimming Potentiometer
More results

Descripción similar - 3290H-1-103M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
Square Trimpot Trimming Potentiometer
logo
DB Lectro Inc
3266Y DBLECTRO-3266Y Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3296Z DBLECTRO-3296Z Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3266X DBLECTRO-3266X Datasheet
201Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3296W DBLECTRO-3296W Datasheet
210Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3266P DBLECTRO-3266P Datasheet
200Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Z DBLECTRO-3266Z Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com