Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F302VB Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32F302VB
Descripción Electrónicos  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302VB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F302VB Datasheet HTML 102Page - STMicroelectronics STM32F302VB Datasheet HTML 103Page - STMicroelectronics STM32F302VB Datasheet HTML 104Page - STMicroelectronics STM32F302VB Datasheet HTML 105Page - STMicroelectronics STM32F302VB Datasheet HTML 106Page - STMicroelectronics STM32F302VB Datasheet HTML 107Page - STMicroelectronics STM32F302VB Datasheet HTML 108Page - STMicroelectronics STM32F302VB Datasheet HTML 109Page - STMicroelectronics STM32F302VB Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
106/133
Doc ID 023353 Rev 5
Table 67.
Maximum ADC RAIN
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max (kΩ)
Fast
channels(1)
Slow
channels
Other
channels(2)
12 bits
1.5
20.83
0.018
NA
NA
2.5
34.72
0.150
NA
0.022
4.5
62.50
0.470
0.220
0.180
7.5
104.17
0.820
0.560
0.470
19.5
270.83
2.70
1.80
1.50
61.5
854.17
8.20
6.80
4.70
181.5
2520.83
22.0
18.0
15.0
601.5
8354.17
82.0
68.0
47.0
10 bits
1.5
20.83
0.082
NA
NA
2.5
34.72
0.270
0.082
0.100
4.5
62.50
0.560
0.390
0.330
7.5
104.17
1.20
0.82
0.68
19.5
270.83
3.30
2.70
2.20
61.5
854.17
10.0
8.2
6.8
181.5
2520.83
33.0
27.0
22.0
601.5
8354.17
100.0
82.0
68.0
8 bits
1.5
20.83
0.150
NA
0.039
2.5
34.72
0.390
0.180
0.180
4.5
62.50
0.820
0.560
0.470
7.5
104.17
1.50
1.20
1.00
19.5
270.83
3.90
3.30
2.70
61.5
854.17
12.00
12.00
8.20
181.5
2520.83
39.00
33.00
27.00
601.5
8354.17
100.00
100.00
82.00
6 bits
1.5
20.83
0.270
0.100
0.150
2.5
34.72
0.560
0.390
0.330
4.5
62.50
1.200
0.820
0.820
7.5
104.17
2.20
1.80
1.50
19.5
270.83
5.60
4.70
3.90
61.5
854.17
18.0
15.0
12.0
181.5
2520.83
56.0
47.0
39.0
601.5
8354.17
100.00
100.0
100.0
1.
All fast channels, expect channels on PA2, PA6, PB1, PB12.
2.
Channels available on PA2, PA6, PB1 and PB12.